Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC3283A Datasheet(PDF) 11 Page - E-CMOS Corporation

Part # EC3283A
Description  2A, 23V, Synchronous-Rectified Step-Down Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3283A Datasheet(HTML) 11 Page - E-CMOS Corporation

Back Button EC3283A Datasheet HTML 5Page - E-CMOS Corporation EC3283A Datasheet HTML 6Page - E-CMOS Corporation EC3283A Datasheet HTML 7Page - E-CMOS Corporation EC3283A Datasheet HTML 8Page - E-CMOS Corporation EC3283A Datasheet HTML 9Page - E-CMOS Corporation EC3283A Datasheet HTML 10Page - E-CMOS Corporation EC3283A Datasheet HTML 11Page - E-CMOS Corporation EC3283A Datasheet HTML 12Page - E-CMOS Corporation EC3283A Datasheet HTML 13Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 11 of 13
3J17N-Rev.F001
2.2A, 23V, Synchronous-Rectified
Step-Down Converter
EC3283A
Since the input capacitor (C1) absorbs the input
switching current it requires an adequate ripple current
rating. The RMS current in the input capacitor can be
estimated by:
The worst-case condition occurs at VIN = 2VOUT,where
IC1 = ILOAD/2. For simplification, choose the input
capacitor whose RMS current rating greater than half
of the maximum load current.
The input capacitor can be electrolytic, tantalum or
ceramic. When using electrolytic or tantalum
capacitors, a small, high quality ceramic capacitor, i.e.
0.1μF, should be placed as close to the IC as possible.
When using ceramic capacitors, make sure that they
have enough capacitance to provide sufficient charge
to prevent excessive voltage ripple at input. The input
voltage ripple for low ESR capacitors can be
estimated by:
Where C1 is the input capacitance value.
Output Capacitor
The output capacitor is required to maintain the DC
output voltage. Ceramic, tantalum, or low ESR
electrolytic capacitors are recommended. Low ESR
capacitors are preferred to keep the output voltage
ripple low. The output voltage ripple can be estimated
by:
Where C2 is the output capacitance value and RESR is
the equivalent series resistance (ESR) value of the
output capacitor.
In the case of ceramic capacitors, the impedance at
the switching frequency is dominated by the
capacitance. The output voltage ripple is mainly
caused by the capacitance. For simplification, the
output voltage ripple can be estimated by:
In the case of tantalum or electrolytic capacitors, the
ESR dominates the impedance at the switching
frequency. For simplification, the output ripple can be
approximated to:
The characteristics of the output capacitor also affect
the stability of the regulation system. The EC3283A
can be optimized for a wide range of capacitance and
ESR values.
Compensation Components
EC3283A employs current mode control for easy
compensation and fast transient response. The
system stability and transient response are controlled
through the COMP pin. COMP pin is the output of the
internal transconductance error amplifier. A series
capacitor-resistor combination sets a pole-zero
combination to control the characteristics of the control
system.
The DC gain of the voltage feedback loop is given by:
Where AVEA is the error amplifier voltage gain; GCS is
the current sense transconductance and RLOAD is the
load resistor value.
The system has two poles of importance. One is due to
the compensation capacitor (C3) and the output
resistor of the error amplifier, and the other is due to
the output capacitor and the load resistor. These poles
are located at:
Where GEA is the error amplifier transconductance.


Similar Part No. - EC3283A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3282S E-CMOS-EC3282S Datasheet
997Kb / 9P
   2A, 28V, Buck Converter
EC3282SNM1R E-CMOS-EC3282SNM1R Datasheet
997Kb / 9P
   2A, 28V, Buck Converter
EC3284 E-CMOS-EC3284 Datasheet
912Kb / 11P
   3A, 23V, Synchronous Rectified Step-Down Converter
EC3284NNMHR E-CMOS-EC3284NNMHR Datasheet
912Kb / 11P
   3A, 23V, Synchronous Rectified Step-Down Converter
EC3284S E-CMOS-EC3284S Datasheet
1,005Kb / 9P
   3A 28V Synchronous Buck Converter
More results

Similar Description - EC3283A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP29296 MPS-MP29296 Datasheet
301Kb / 10P
   2A, 23V Synchronous Rectified Step-Down Converter
MP2305 MPS-MP2305 Datasheet
298Kb / 10P
   2A, 23V Synchronous Rectified Step-Down Converter
MP2305S MPS-MP2305S Datasheet
303Kb / 12P
   2A, 23V Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1482 UTC-P1482 Datasheet
268Kb / 5P
   2A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
First Silicon Co., Ltd
FAC1482F FS-FAC1482F Datasheet
1Mb / 13P
   2A , 23V Synchronus Rectified Step Down Converter
logo
Analog Intergrations Co...
AIC2857F AIC-AIC2857F Datasheet
514Kb / 12P
   2A 23V Synchronous Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1484B TECHCODE-TD1484B Datasheet
1Mb / 14P
   3A 23V Synchronous Rectified Step-Down Converter
logo
E-CMOS Corporation
EC3284 E-CMOS-EC3284 Datasheet
912Kb / 11P
   3A, 23V, Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1484A UTC-P1484A Datasheet
246Kb / 6P
   3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP2307 MPS-MP2307 Datasheet
346Kb / 11P
   3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com