Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC3278NNMHR Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC3278NNMHR
Description  2.4A/32V Synchronous Rectified Step-Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3278NNMHR Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC3278NNMHR Datasheet HTML 1Page - E-CMOS Corporation EC3278NNMHR Datasheet HTML 2Page - E-CMOS Corporation EC3278NNMHR Datasheet HTML 3Page - E-CMOS Corporation EC3278NNMHR Datasheet HTML 4Page - E-CMOS Corporation EC3278NNMHR Datasheet HTML 5Page - E-CMOS Corporation EC3278NNMHR Datasheet HTML 6Page - E-CMOS Corporation EC3278NNMHR Datasheet HTML 7Page - E-CMOS Corporation EC3278NNMHR Datasheet HTML 8Page - E-CMOS Corporation EC3278NNMHR Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 11
3I13N-Rev.P001
2.4A/32V Synchronous Rectified
Step-Down Converter
EC3278
Function Block Diagram
Figure 4 Function Block Diagram of EC3278
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply Voltage
VIN
-0.3 to 32
V
Switch Node Voltage
VSW
30
V
Boost Voltage
VBS
V
SW – 0.3V to VSW+6V
V
Output Voltage
VOUT
0.923V to 30
V
All Other Pins
–0.3V to +6V
V
Operating Junction Temperature
TJ
150
ºC
Storage Temperature
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10 sec)
TLEAD
260
ºC
ESD (HBM)
2000
V
MSL
Level3
Thermal Resistance-Junction to Ambient
RθJA
90
ºC / W
Thermal Resistance-Junction to Case
RθJC
45
ºC / W


Similar Part No. - EC3278NNMHR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3276 E-CMOS-EC3276 Datasheet
959Kb / 12P
   2.2A/32V Synchronous Rectified Step-Down Converter
EC3276NNMHR E-CMOS-EC3276NNMHR Datasheet
959Kb / 12P
   2.2A/32V Synchronous Rectified Step-Down Converter
More results

Similar Description - EC3278NNMHR

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD2778 TECHCODE-TD2778 Datasheet
906Kb / 13P
   2.4A 32V Synchronous Rectified Step-Down Converter
TD1519 TECHCODE-TD1519 Datasheet
939Kb / 14P
   2A 32V Synchronous Rectified Step-Down Converter
TD2776 TECHCODE-TD2776 Datasheet
925Kb / 14P
   2.2A 32V Synchronous Rectified Step-Down Converter
logo
E-CMOS Corporation
EC3286 E-CMOS-EC3286 Datasheet
1,011Kb / 14P
   3A 32V Synchronous Rectified Step-Down Converter
EC3276 E-CMOS-EC3276 Datasheet
959Kb / 12P
   2.2A/32V Synchronous Rectified Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1519A TECHCODE-TD1519A Datasheet
946Kb / 14P
   2A 32V Synchronous Rectified Step-Down Converter
TD2776A TECHCODE-TD2776A Datasheet
939Kb / 14P
   2.2A 32V Synchronous Rectified Step-Down Converter
TD1529 TECHCODE-TD1529 Datasheet
792Kb / 14P
   1.6A 32V Synchronous Rectified Step-Down Converte
logo
ARTSCHIP ELECTRONICS CO...
MP1482 ARTSCHIP-MP1482 Datasheet
2Mb / 10P
   Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1484 UTC-P1484_17 Datasheet
254Kb / 5P
   SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com