Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD54HCT299F3A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HCT299F3A
Description  High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HCT299F3A Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HCT299F3A Datasheet HTML 2Page - Texas Instruments CD54HCT299F3A Datasheet HTML 3Page - Texas Instruments CD54HCT299F3A Datasheet HTML 4Page - Texas Instruments CD54HCT299F3A Datasheet HTML 5Page - Texas Instruments CD54HCT299F3A Datasheet HTML 6Page - Texas Instruments CD54HCT299F3A Datasheet HTML 7Page - Texas Instruments CD54HCT299F3A Datasheet HTML 8Page - Texas Instruments CD54HCT299F3A Datasheet HTML 9Page - Texas Instruments CD54HCT299F3A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Switching Specifications CL = 50pF, Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay
tPLH, tPHL
CL = 50pF
Clock to I/O Output,
Clock to Q0 and Q7,
MR to Output
2
-
-
200
-
250
-
300
ns
4.5
-
-
40
-
50
-
60
ns
CL = 15pF
5
-
17
-
-
-
-
-
ns
CL = 50pF
6
-
-
34
-
43
-
51
ns
Output Enable and Disable
Times
tPZL
CL = 15pF
5
-
10
-
-
-
-
-
ns
tPZH, tPLZ
-13-
-
-
-
-
ns
tPHZ
-15-
-
-
-
-
ns
Output High-Z to High Level
tPZH
CL = 50pF
2
-
-
155
-
195
-
235
ns
4.5
-
-
31
-
39
-
47
ns
6
-
-
26
-
33
-
40
ns
Output High Level to High-Z
tPHZ
CL = 50pF
2
-
-
185
-
230
-
280
ns
4.5
-
-
37
-
46
-
56
ns
6
-
-
31
-
39
-
48
ns
Output Low Level to High-Z
tPLZ
CL = 50pF
2
-
-
155
-
195
-
235
ns
4.5
-
-
31
-
39
-
47
ns
6
-
-
26
-
33
-
40
ns
Output High-Z to Low Level
tPZL
CL = 50pF
2
-
-
130
-
165
-
195
ns
4.5
-
-
26
-
33
-
39
ns
6
-
-
22
-
28
-
33
ns
Output Transition Time
tTHL, tTLH
CL = 50pF
Q0, Q7
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
I/O0 to I/O7
tTHL, tTLH
CL = 50pF
2
-
-
60
-
75
-
90
ns
4.5
-
-
12
-
15
-
18
ns
6
-
-
10
-
13
-
15
ns
Input Capacitance
CI
CL = 50pF
-
10
-
10
-
10
-
10
pF
Three-State Output
Capacitance
CO
-
-
20
-
20
-
20
-
20
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
CL = 15pF
5
-
150
-
-
-
-
-
pF
CD54HC299, CD74HC299, CD54HCT299, CD74HCT299


Similar Part No. - CD54HCT299F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HCT299F3A TI-CD54HCT299F3A Datasheet
431Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
More results

Similar Description - CD54HCT299F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HCT299 TI-CD54HCT299_07 Datasheet
431Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
CD74HC299 TI-CD74HC299 Datasheet
54Kb / 10P
[Old version datasheet]   High Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
logo
Aeroflex Circuit Techno...
UT54ACS299E AEROFLEX-UT54ACS299E Datasheet
162Kb / 14P
   CMOS 8-bit Universal Shift/Storage Register with Three-State Outputs
logo
Texas Instruments
CD54HC194 TI-CD54HC194_06 Datasheet
342Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD54HC194 TI-CD54HC194_08 Datasheet
526Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD54HC194 TI-CD54HC194 Datasheet
339Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD74HC194 TI-CD74HC194 Datasheet
47Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
74HC194N TI-74HC194N Datasheet
554Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
logo
Intersil Corporation
HCTS299MS INTERSIL-HCTS299MS Datasheet
118Kb / 13P
   Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
logo
Vectron International, ...
CD54HC194 VECTRON-CD54HC194_1 Datasheet
526Kb / 17P
   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com