Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC3228NNFTR Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # EC3228NNFTR
Description  High-Performance PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3228NNFTR Datasheet(HTML) 6 Page - E-CMOS Corporation

Back Button EC3228NNFTR Datasheet HTML 2Page - E-CMOS Corporation EC3228NNFTR Datasheet HTML 3Page - E-CMOS Corporation EC3228NNFTR Datasheet HTML 4Page - E-CMOS Corporation EC3228NNFTR Datasheet HTML 5Page - E-CMOS Corporation EC3228NNFTR Datasheet HTML 6Page - E-CMOS Corporation EC3228NNFTR Datasheet HTML 7Page - E-CMOS Corporation EC3228NNFTR Datasheet HTML 8Page - E-CMOS Corporation EC3228NNFTR Datasheet HTML 9Page - E-CMOS Corporation EC3228NNFTR Datasheet HTML 10Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
High-Performance PWM Controller
EC3228
E-CMOS Corp. (www.ecmos.com.tw)
Page 6 of 16
3G15N-Rev.P002
Electrical Characteristics(Cont.)
Symbol
Parameter
Test Conditions
EC3228
Unit
Min.
Typ.
Max.
CONTROL INPUTS (CONT.)
EN Leakage
EN = 0V
-
0.1
1.0
uA
RF Setting Threshold
Forced PWM Mode
1.8
-
-
V
PFM/PWM Auto Skip Mode
-
-
0.5
V
POWER-OK INDICATOR
VPOK
POK Threshold
POK in from Lower (POK Goes High)
87
90
93
%
POK Low Hysteresis (POK Goes Low)
-
3
-
%
POK out from Normal (POK Goes Low)
120
125
130
%
IPOK
POK Leakage Current
VPOK = 5V
-
0.1
1.0
uA
POK Sink Current
VPOK = 0.5V
2.5
7.5
-
mA
POK Enable Delay Time
EN High to POK High
1.4
2.0
2.6
ms
CURRENT SENSE
IOCSET
IOCSET OCP Threshold
IOCSET Sourcing
9
10
11
uA
TCIOCSET
IOCSET Temperature Coefficient
On The Basis of 25°C
-
4500
-
ppm/
o
C
VROCSET
Current-Limit Threshold Setting
Range
VOCSET-GND Voltage, Over All
Temperature
0.24
-
1.6
V
Over Current-Limit
Comparator Offset
(VOCSET-GND-VGND-PHASE) Voltage, VOCSET-GND=60mV
-10
0
10
mV
Zero Crossing Comparator
Offset
VGND-PHASE Voltage, EN=3.3V
-9.5
0.5
10.5
mV
PROTECTION
VUV
UVP Threshold
60
70
80
%
UVP Hysteresis
-
3
-
%
UVP Debounce Interval
-
16
-
us
UVP Enable Delay
EN High to UVP Workable
1.4
2
2.6
ms
VOVR
OVP Rising Threshold
120
125
130
%
OVP Propagation Delay
VFB Rising, DV=10mV
-
1.5
-
us
TOTR
OTP Rising Threshold (Note 4)
-
140
-
C
OTP Hysteresis (Note 4)
-
25
-
C
Note : Guaranteed by design, not production tested.


Similar Part No. - EC3228NNFTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC3220-24.000M ECLIPTEK-EC3220-24.000M Datasheet
237Kb / 4P
   OSCILLATOR
EC3220-24.000M-CL ECLIPTEK-EC3220-24.000M-CL Datasheet
237Kb / 4P
   OSCILLATOR
EC3220-24.000M-G ECLIPTEK-EC3220-24.000M-G Datasheet
237Kb / 4P
   OSCILLATOR
EC3220-24000M ECLIPTEK-EC3220-24000M Datasheet
237Kb / 4P
   OSCILLATOR
EC3220-24000M-CL ECLIPTEK-EC3220-24000M-CL Datasheet
237Kb / 4P
   OSCILLATOR
More results

Similar Description - EC3228NNFTR

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1468 HMSEMI-HM1468 Datasheet
2Mb / 16P
   High-Performance PWM Controller
logo
TECHCODE SEMICONDUCTOR,...
TD1728 TECHCODE-TD1728 Datasheet
530Kb / 17P
   High-Performance PWM Controller
TD1730 TECHCODE-TD1730 Datasheet
677Kb / 17P
   High-Performance PWM Controller
logo
Beyond Innovation Techn...
BIT3713 BITEK-BIT3713 Datasheet
493Kb / 11P
   High Performance PWM Controller
05/12/15
BIT3267 BITEK-BIT3267 Datasheet
196Kb / 8P
   High Performance PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1469 HMSEMI-HM1469 Datasheet
1Mb / 16P
   High-Performance PWM Controller
logo
Beyond Innovation Techn...
BIT3267S BITEK-BIT3267S Datasheet
515Kb / 9P
   High Performance PWM Controller
Version: A05
BIT3715 BITEK-BIT3715 Datasheet
380Kb / 3P
   High Performance PWM Controller
logo
List of Unclassifed Man...
BIT3193 ETC-BIT3193 Datasheet
276Kb / 10P
   High Performance PWM Controller
logo
TECHCODE SEMICONDUCTOR,...
TD1729 TECHCODE-TD1729 Datasheet
804Kb / 17P
   High-Performance PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com