Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6063341 Datasheet(PDF) 2 Page - SICK AG

Part # 6063341
Description  FIBER-OPTIC SENSORS AND FIBERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6063341 Datasheet(HTML) 2 Page - SICK AG

  6063341 Datasheet HTML 1Page - SICK AG 6063341 Datasheet HTML 2Page - SICK AG 6063341 Datasheet HTML 3Page - SICK AG 6063341 Datasheet HTML 4Page - SICK AG 6063341 Datasheet HTML 5Page - SICK AG 6063341 Datasheet HTML 6Page - SICK AG 6063341 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
GLL170T-B434 | GLL170
FIBER-OPTIC SENSORS AND FIBERS
Illustration may differ
Ordering information
Type
Part no.
GLL170T-B434
6063341
Other models and accessories
www.sick.com/GLL170
Detailed technical data
Features
Device type
Stand-alone
Sensor/detection principle
Fiber-optic photoelectric sensor
Dimensions (W x H x D)
10 mm x 31.7 mm x 72.5 mm
Housing design (light emission)
Rectangular
Sensing range max.
0 mm ... 400 mm, Proximity system 1) 2)
0 mm ... 1,320 mm, Through-beam system 3)
Sensing range
0 mm ... 350 mm, Proximity system 1) 2)
0 mm ... 1,100 mm, Through-beam system 3)
Type of light
Visible red light
Light source
LED 4)
Wave length
632 nm
Adjustment
Teach-in button
Cable
Plus/minus button
Time type
On delay
Off delay
One shot
Without time delay
Delay time
Programmable, 0 ms, 9,999 ms
Indication
Display
Display
Status LEDs, 4-digit digital display, display selectable between percentage value, absolute digit
value and bar display / display of parameters
1) Object with 90 % reflectance (referred to standard white, DIN 5033).
2) LL3-DK06.
3) LL3-TB02.
4) Average service life: 100,000 h at TU = +25 °C.
2
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-05-29 14:15:05
Subject to change without notice


Similar Part No. - 6063341

ManufacturerPart #DatasheetDescription
logo
SICK AG
6063340 SICK-6063340 Datasheet
1Mb / 7P
   FIBER-OPTIC SENSORS AND FIBERS
6063342 SICK-6063342 Datasheet
1Mb / 7P
   FIBER-OPTIC SENSORS AND FIBERS
More results

Similar Description - 6063341

ManufacturerPart #DatasheetDescription
logo
SICK AG
LL3-DH03 SICK-LL3-DH03 Datasheet
210Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DA03 SICK-LL3-DA03 Datasheet
244Kb / 3P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV06 SICK-LL3-DV06 Datasheet
212Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV01 SICK-LL3-DV01 Datasheet
203Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT04 SICK-LL3-DT04 Datasheet
196Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT01 SICK-LL3-DT01 Datasheet
224Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT05 SICK-LL3-DT05 Datasheet
199Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM37450 SICK-LL3-LM37450 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM38751 SICK-LL3-LM38751 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TA01 SICK-LL3-TA01 Datasheet
344Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TB05 SICK-LL3-TB05 Datasheet
182Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com