Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L27E-3P2450 Datasheet(PDF) 2 Page - SICK AG

Part # L27E-3P2450
Description  SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

L27E-3P2450 Datasheet(HTML) 2 Page - SICK AG

  L27E-3P2450 Datasheet HTML 1Page - SICK AG L27E-3P2450 Datasheet HTML 2Page - SICK AG L27E-3P2450 Datasheet HTML 3Page - SICK AG L27E-3P2450 Datasheet HTML 4Page - SICK AG L27E-3P2450 Datasheet HTML 5Page - SICK AG L27E-3P2450 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
L27S-3D2450, L27E-3P2450 | L27
SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
Ordering information
System part
Type
Part no.
Sender
L27S-3D2450
2043877
Receiver
L27E-3P2450
2043876
Other models and accessories
www.sick.com/L27
Detailed technical data
Features
Scanning range
0 m ... 25 m
Number of beams
1
Response time
0.68 ms
Response time
0.68 ms + Test device response time
Front screen heating
Safety-related parameters
Type
Type 2 (IEC 61496) 1)
Safety integrity level
SIL1 (IEC 61508) 1)
SILCL1 (EN 62061) 1)
Category
Category 2 (EN ISO 13849) 1)
Test rate (external test)
100 /s (EN ISO 13849) 2)
Maximum demand rate
≤ 60 
min⁻¹ (EN ISO 13849) 3)
Performance level
PL c (EN ISO 13849) 1)
PFHD (mean probability of a dangerous fail-
ure per hour)
1.0 x 10-6 (EN ISO 13849) 1)
TM (mission time)
20 years (EN ISO 13849)
1) Only in combination with an appropriate test device, e.g., Flexi Classic or Flexi Soft.
2) The test rate shall not be exceeded.
3) Between two requirements on a safety-related response of the device, at least 100 internal or external tests must be carried out.
Interfaces
Connection type
Male connector M12, 4-pin, straight
Diagnostic display
LED
Fieldbus, industrial network
Integration via Flexi Soft safety controller CANopen, DeviceNet™, EtherCAT®, EtherNet/IP™, Modbus TCP, PROFIBUS DP, PROFINET 1)
1) For additional information on Flexi Soft -> www.sick.com/Flexi_Soft.
2
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-09-01 12:26:26
Subject to change without notice


Similar Part No. - L27E-3P2450

ManufacturerPart #DatasheetDescription
logo
SICK AG
L27E-3P2430 SICK-L27E-3P2430 Datasheet
1,003Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
More results

Similar Description - L27E-3P2450

ManufacturerPart #DatasheetDescription
logo
SICK AG
L40E-11MA1A SICK-L40E-11MA1A Datasheet
1Mb / 7P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L27E-3P3730 SICK-L27E-3P3730 Datasheet
1,003Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L21E-21KA2A SICK-L21E-21KA2A Datasheet
1,004Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L21E-21KA1A SICK-L21E-21KA1A Datasheet
1,004Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L21E-21MA2A SICK-L21E-21MA2A Datasheet
1Mb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L29E-3P3430 SICK-L29E-3P3430 Datasheet
421Kb / 5P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L28E-3P2431 SICK-L28E-3P2431 Datasheet
992Kb / 7P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L41E-33MA2A SICK-L41E-33MA2A Datasheet
1Mb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L40E-33MA2A SICK-L40E-33MA2A Datasheet
1Mb / 7P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L27E-3P2430 SICK-L27E-3P2430 Datasheet
1,003Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com