Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L29S-3D3430 Datasheet(PDF) 2 Page - SICK AG

Part # L29S-3D3430
Description  SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

L29S-3D3430 Datasheet(HTML) 2 Page - SICK AG

  L29S-3D3430 Datasheet HTML 1Page - SICK AG L29S-3D3430 Datasheet HTML 2Page - SICK AG L29S-3D3430 Datasheet HTML 3Page - SICK AG L29S-3D3430 Datasheet HTML 4Page - SICK AG L29S-3D3430 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
L29S-3D3430, L29E-3P3430 | L29
SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
Ordering information
System part
Type
Part no.
Sender
L29S-3D3430
2075831
Receiver
L29E-3P3430
2075833
Other models and accessories
www.sick.com/L29
Detailed technical data
Features
Scanning range
0 m ... 6 m
Number of beams
1
Response time
0.54 ms
Response time
0.54 ms + Test device response time (Flexi Classic)
Safety-related parameters
Type
Type 2 (IEC 61496) 1)
Safety integrity level
SIL1 (IEC 61508) 1)
SILCL1 (EN 62061) 1)
Category
Category 2 (EN ISO 13849) 1)
Test rate (external test)
100 /s (EN ISO 13849) 2)
Maximum demand rate
≤ 60 
min⁻¹ (EN ISO 13849) 3)
Performance level
PL c (EN ISO 13849) 1)
PFHD (mean probability of a dangerous fail-
ure per hour)
1.0 x 10-6 (EN ISO 13849) 1)
TM (mission time)
20 years (EN ISO 13849)
1) Only in conjunction with Flexi Classic (UE410-MU).
2) The test rate shall not be exceeded.
3) Between two requirements on a safety-related response of the device, at least 100 internal or external tests must be carried out.
Interfaces
Connection type
Cable with M12 male connector, 4-pin
Diagnostic display
LED
Electrical data
Sender
Receiver
Protection class
III (EN 50178)
1) Short-circuit protected.
2
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-09-01 12:26:26
Subject to change without notice


Similar Part No. - L29S-3D3430

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L29S800F ETC-L29S800F Datasheet
797Kb / 54P
   8MEGABIT (1M횞8 /512K횞16) 3 VOLT CMOS FLASH MEMERY
More results

Similar Description - L29S-3D3430

ManufacturerPart #DatasheetDescription
logo
SICK AG
L40E-11MA1A SICK-L40E-11MA1A Datasheet
1Mb / 7P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L27E-3P3730 SICK-L27E-3P3730 Datasheet
1,003Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L27E-3P2450 SICK-L27E-3P2450 Datasheet
1,003Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L21E-21KA2A SICK-L21E-21KA2A Datasheet
1,004Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L21E-21KA1A SICK-L21E-21KA1A Datasheet
1,004Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L21E-21MA2A SICK-L21E-21MA2A Datasheet
1Mb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L28E-3P2431 SICK-L28E-3P2431 Datasheet
992Kb / 7P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L41E-33MA2A SICK-L41E-33MA2A Datasheet
1Mb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L40E-33MA2A SICK-L40E-33MA2A Datasheet
1Mb / 7P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L27E-3P2430 SICK-L27E-3P2430 Datasheet
1,003Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com