Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUM318 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SUM318
Description  N-Ch Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SUM318 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SUM318 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SUM318 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SUM318 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SUM318 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SUM318
50V , 200mA , RDS(ON) 3.5
N-Ch Enhancement Mode Power MOSFET
18-Mar-2015 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
J1
SOT-363
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
Typical applications are dc–dc converters,
power management in portable and battery–powered
products such as computers, printers, PCMCIA cards,
cellular and cordless telephones.
FEATURES
Lower Gate Charge
Small Package Outline
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-323
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
50
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
TA=25°C
I D
200
mA
Pulsed Drain Current (tp ≤ 10µS)
IDM
800
mA
Power Dissipation
TA=25°C
P D
380
mW
Maximum Junction-to-Ambient
RθJA
328
°C / W
Maximum Lead Temperature for Soldering Purposes, for 10
seconds
TL
260
°C
Operating Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.00
2.20
G
0.100 REF.
B
2.15
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.15
D
0.90
1.10
K
E
1.20
1.40
L
0.650 TYP.
F
0.15
0.35


Similar Part No. - SUM318

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SUM318 VBSEMI-SUM318 Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
More results

Similar Description - SUM318

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD30N15 SECOS-SSD30N15_15 Datasheet
445Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD40N04 SECOS-SSD40N04_15 Datasheet
386Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD50N10 SECOS-SSD50N10_15 Datasheet
574Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD60N04 SECOS-SSD60N04_15 Datasheet
151Kb / 2P
   N-Ch Enhancement Mode Power MOSFET
SSPS922NE SECOS-SSPS922NE_15 Datasheet
538Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com