Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1921 Datasheet(PDF) 4 Page - PerkinElmer Optoelectronics

Part # C1921
Description  Channel Photomultipliers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

C1921 Datasheet(HTML) 4 Page - PerkinElmer Optoelectronics

  C1921 Datasheet HTML 1Page - PerkinElmer Optoelectronics C1921 Datasheet HTML 2Page - PerkinElmer Optoelectronics C1921 Datasheet HTML 3Page - PerkinElmer Optoelectronics C1921 Datasheet HTML 4Page - PerkinElmer Optoelectronics C1921 Datasheet HTML 5Page - PerkinElmer Optoelectronics C1921 Datasheet HTML 6Page - PerkinElmer Optoelectronics C1921 Datasheet HTML 7Page - PerkinElmer Optoelectronics C1921 Datasheet HTML 8Page - PerkinElmer Optoelectronics C1921 Datasheet HTML 9Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EU
PerkinElmer Optoelectronics GmbH
Heimann Opto
65020 Wiesbaden, Germany
PO-Box 3007
http://www.perkinelmer.com/opto
USA
PerkinElmer Optoelectronics
2175 Mission College Blvd.
Santa Clara, CA 95054
Tel. ++1 (408) 565 - 0830
Fax ++1 (408) 565 - 0703
http://www.perkinelmer.com/opto
Excellent photon counting resolution
At gains exceeding 107 the single photo electron pulse is
perfectly separated from the electrical noise, due to a sa-
turation effect of the channel. The CPM exhibits single
photon resolution with excellent peak to valley ratios.
Fig. 3 shows the single photo electron spectrum taken
from a multi-channel analyzer compared to a conventional
photomultiplier (Fig. 3).
Choice of entrance window
The CPM is available with different window materials,
which are:
MgF2, Quartz, UV-glass, and Borosilicate glass. The com-
bination of different photocathodes and entrance windows
results in a spectral range from 115 nm to 900 nm. Other
window materials and photocathode combinations are
available on a custom basis (Fig. 4.1 and 4.2).
Available related products
• High Voltage supply
CHV 30N (supplies 1 CPM, negative output voltage),
CHV 30P (supplies 1 CPM, positive output voltage),
J4-3N (supplies 10 to 15 CPMs)
• CPM Modules
MP900-series: Photoncounting module with
TTL output, including CPM,
electronic and high voltage
MD900-series: DC module including high
voltage supply, amplifier,
I/U converter, output 0 to 10 V,
bandwidth 1kHz
MH900-series: High voltage module,
including CPM and
high voltage power supply
• CPM Formats
1
/3“ C900-series
1
/2“ C1300-series
3
/4“ C1900-series
Datasheets on request
0
50
100
150
200
CPM
PMT
250
300
2000
1500
1000
500
0
Channel
Fig. 3: Typical photo electron spectrum
Wavelength (nm)
100
C 922
C 952
C 911
C 972
200
300
400
500
600
700
800
900
100
10
1
0.1
Fig. 4.1: Typical spectral response
C 973
Wavelength (nm)
100
C 942
C 943
C 962
200
300
400
500
600
700
800
900
Fig. 4.2: Typical spectral response
100
10
1
0.1
C 944
High stability in dark current level
As a result of the semiconductive inner surface of the CPM, no charge-up effects occur at the glass surface. This
results in a very high stability of the dark current level over time, with no sudden changes (bursts). The semiconductive
surface also causes high-light recovery times to be extremely small.


Similar Part No. - C1921

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C192 KEMET-C192 Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C192 KEMET-C192 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Toshiba Semiconductor
C1923 TOSHIBA-C1923 Datasheet
352Kb / 6P
   TRANSISTOR (HIGH FREQUENCY, FM, RF, MIX, IF AMPLIFIER APPLICATIONS)
logo
Kemet Corporation
C192C-K-G KEMET-C192C-K-G Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C192C-K-G KEMET-C192C-K-G Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results

Similar Description - C1921

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
CPMC1300 PERKINELMER-CPMC1300 Datasheet
859Kb / 11P
   Channel Photomultipliers Overview and Specifications
logo
List of Unclassifed Man...
C30742-33 ETC2-C30742-33 Datasheet
687Kb / 5P
   Silicon Photomultipliers with 3x3 mm짼 active area
logo
ON Semiconductor
MICROC ONSEMI-MICROC Datasheet
1Mb / 16P
   Silicon Photomultipliers (SiPM), Low-Noise, Blue-Sensitive
November, 2018 ??Rev. 6
MICRORB ONSEMI-MICRORB Datasheet
1Mb / 11P
   Silicon Photomultipliers (SiPM), Red-Enhanced Second Generation
May, 2019 ??Rev. 5
ARRAYRDM-0116A10 ONSEMI-ARRAYRDM-0116A10 Datasheet
1Mb / 9P
   Silicon Photomultipliers (SiPM), RDM-Series 1 x 16 Monolithic Array
April, 2020 ??Rev. P1
ARRAYRDM-0112A20 ONSEMI-ARRAYRDM-0112A20 Datasheet
2Mb / 6P
   Silicon Photomultipliers (SiPM), RDM-Series 1 x 12 Monolithic Array
September, 2020 ??Rev. P7
MICROJ ONSEMI-MICROJ Datasheet
702Kb / 12P
   Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
December, 2018 ??Rev. 6
logo
Jiangsu Changjiang Elec...
CJMNP517 JIANGSU-CJMNP517 Datasheet
1Mb / 6P
   N Channel P Channel MOSFET
CJX3439K JIANGSU-CJX3439K Datasheet
1Mb / 6P
   N Channel P Channel MOSFET
CJ3439KDW JIANGSU-CJ3439KDW Datasheet
1Mb / 6P
   N channelP Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com