Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1773 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1773
Description  Integrated Circuit Color TV Vertical Deflection Output Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE1773 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1773
Integrated Circuit
Color TV Vertical Deflection Output Circuit
Description:
The NTE1773 is a monolithic linear integrated circuit designed for small–aperture color TV vertical
deflection output and has such features as greatly reduced number of external parts and low power
dissipation. The NTE1773 can be used in conjunction with the NTE1845 for video chroma deflection
use and the NTE1538 for deflection use.
Features:
D High Output
D On–Chip Pump–Up Circuit and Low Power Dissipation
D Minimum Number of External Parts Required
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Maximum Supply Voltage, V6max
30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Supply Voltage, V3max
60V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Deflection Output Current, I2max
±1.3AP–O
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Allowable Power Dissipation, PDmax
4.5W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topg
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions: (TA = +25°C unless otherwise specified)
Recommended Supply Voltage, V6
24V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Voltage Range, V6
18 to 27V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Deflection Output Current, I2P–P
up to 1.5AP–P
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VCC = 24V unless otherwise specified)
Parameter
Test Conditions
Min
Typ
Max
Unit
Output Transistor Saturation Voltage (1)
0.5
1.0
V
Output Transistor Saturation Voltage (2)
1.8
2.6
V
Pin7 Saturation Voltage (1)
1.5
V
Pin7 Saturation Voltage (2)
0.8
1.6
V
Quiescent Current
8.0
11.5
24.0
mA
Middle–Point Voltage
11
V


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn