Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3086 Datasheet(PDF) 4 Page - Intersil Corporation

Part # CA3086
Description  General Purpose NPN Transistor Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3086 Datasheet(HTML) 4 Page - Intersil Corporation

  CA3086 Datasheet HTML 1Page - Intersil Corporation CA3086 Datasheet HTML 2Page - Intersil Corporation CA3086 Datasheet HTML 3Page - Intersil Corporation CA3086 Datasheet HTML 4Page - Intersil Corporation CA3086 Datasheet HTML 5Page - Intersil Corporation CA3086 Datasheet HTML 6Page - Intersil Corporation CA3086 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
CA3086
FIGURE 3. hFE vs IE
FIGURE 4. VBE vs IE
FIGURE 5. VBE vs TEMPERATURE
FIGURE 6. NORMALIZED hFE, hIE, hRE, hOE vs IC
FIGURE 7. yFE vs FREQUENCY
FIGURE 8. yIE vs FREQUENCY
Typical Performance Curves (Continued)
EMITTER CURRENT (mA)
VCE = 3V
TA = 25
oC
120
110
100
90
80
70
60
50
0.01
0.1
1
10
hFE
0.8
0.7
0.6
0.5
0.4
0.01
0.1
1.0
10
EMITTER CURRENT (mA)
VCE = 3V
TA = 25
oC
VBE
0.9
0.8
0.7
0.6
0.5
0.4
-75
-50
-25
0
25
50
75
100
125
TEMPERATURE (oC)
VCB = 3V
IE = 3mA
IE = 1mA
IE = 0.5mA
VCE = 3V
f = 1kHz
TA = 25
oC
hOE
hFE
hRE
hIE
hFE = 100
hIE = 3.5kΩ
hRE = 1.88 x 10
-4
hOE = 15.6µS
AT
1mA
hRE
hIE
100
10
1.0
0.1
0.01
0.1
1.0
10
COLLECTOR CURRENT (mA)
TA = 25
oC, V
CE = 3V, IC = 1mA
COMMON EMITTER CIRCUIT, BASE INPUT
FREQUENCY (MHz)
0.1
10
100
-20
-10
0
10
20
30
40
gFE
bFE
1
TA = 25
oC, V
CE = 3V, IC = 1mA
COMMON EMITTER CIRCUIT, BASE INPUT
FREQUENCY (MHz)
0.1
10
100
0
1
2
3
4
5
6
gIE
bIE
1


Similar Part No. - CA3086

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3086 INTERSIL-CA3086 Datasheet
34Kb / 5P
   General Purpose NPN Transistor Array
August 2003
CA3086 INTERSIL-CA3086 Datasheet
34Kb / 5P
   General Purpose NPN Transistor Array
CA3086 INTERSIL-CA3086 Datasheet
180Kb / 7P
   Power Applications from DC to 120MHz
CA3086E INTERSIL-CA3086E Datasheet
180Kb / 7P
   Power Applications from DC to 120MHz
CA3086F INTERSIL-CA3086F Datasheet
34Kb / 5P
   General Purpose NPN Transistor Array
August 2003
More results

Similar Description - CA3086

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3086 INTERSIL-CA3086 Datasheet
34Kb / 5P
   General Purpose NPN Transistor Array
August 2003
CD3086 INTERSIL-CD3086 Datasheet
34Kb / 5P
   General Purpose NPN Transistor Array
CA3046 INTERSIL-CA3046 Datasheet
116Kb / 6P
   General Purpose NPN Transistor Array
logo
Renesas Technology Corp
CA-3083 RENESAS-CA-3083 Datasheet
297Kb / 4P
   General Purpose High Current NPN Transistor Array
logo
Intersil Corporation
CA3083 INTERSIL-CA3083 Datasheet
31Kb / 4P
   General Purpose High Current NPN Transistor Array
September 1998
CA3083 INTERSIL-CA3083_06 Datasheet
147Kb / 4P
   General Purpose High Current NPN Transistor Array
logo
Sanyo Semicon Device
LB1213M SANYO-LB1213M Datasheet
39Kb / 2P
   General-Purpose Transistor Array
logo
NTE Electronics
NTE929 NTE-NTE929 Datasheet
23Kb / 2P
   Integrated Circuit General Purpose, High Current, NPN Transistor Array
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com