Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZA900A Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. BZA900A
Description  Quadruple ESD transient voltage suppressor
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BZA900A Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2001 Sep 03
5
Philips Semiconductors
Product specification
Quadruple ESD transient voltage suppressor
BZA900A-series
handbook, full pagewidth
MGW321
450
50
Note 1: attenuator is only used for open
socket high voltage measurements
IEC 61000-4-2 network
CZ = 150 pF; RZ = 330 Ω
1/4 BZA900A
RG 223/U
50
Ω coax
RZ
CZ
ESD TESTER
DIGITIZING
OSCILLOSCOPE
10
×
ATTENUATOR
note 1
GND
GND
GND
unclamped
+1 kV ESD voltage waveform
(IEC 61000-4-2 network)
clamped
+1 kV ESD voltage waveform
(IEC 61000-4-2 network)
vertical scale = 100 V/div
horizontal scale = 50 ns/div
unclamped
−1 kV ESD voltage waveform
(IEC 61000-4-2 network)
clamped
−1 kV ESD voltage waveform
(IEC 61000-4-2 network)
vertical scale = 100 V/div
horizontal scale = 50 ns/div
vertical scale = 5 V/div
horizontal scale = 50 ns/div
vertical scale = 5 V/div
horizontal scale = 50 ns/div
BZA956A
BZA962A
BZA968A
Fig.6 ESD clamping test set-up and waveforms.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn