Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU326A Datasheet(PDF) 2 Page - STMicroelectronics

Part # BU326A
Description  HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU326A Datasheet(HTML) 2 Page - STMicroelectronics

  BU326A Datasheet HTML 1Page - STMicroelectronics BU326A Datasheet HTML 2Page - STMicroelectronics BU326A Datasheet HTML 3Page - STMicroelectronics BU326A Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
2.33
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off Current
(VBE = 0)
VCE = 900 V
VCE = 900 V
Tc = 125
oC
1
2
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 10 V
10
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage(IB =
0)
IC = 100 mA
400
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 2.5 A
IB = 0.5 A
IC = 4 A
IB = 1.25 A
1.5
3
V
V
VBE(sat)
∗ Base-Emitter Saturation
Voltage
IC = 2.5 A
IB = 0.5 A
IC = 4 A
IB = 1.25 A
1.4
1.6
V
hFE
DC Current Gain
IC = 1 A
VCE = 5 V
25
ton
Turn-on Time
IC = 2.5 A
IB1 = 0.5 A
VCC = 250 V
0.5
µs
ts
Storage Time
IC = 2.5 A
IB1 = 0.5 A
IB2 = -1A A
VCC = 250 V
3.5
µs
tf
Fall Time
IC = 2.5 A
IB1 = 0.5 A
IB2 = -1A A
VCC = 250 V
0.5
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
BU326A
2/4


Similar Part No. - BU326A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU326A MOSPEC-BU326A Datasheet
123Kb / 3P
   POWER TRANSISTORS(6A,375-400V,75W)
logo
STMicroelectronics
BU326A STMICROELECTRONICS-BU326A Datasheet
62Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
logo
Wing Shing Computer Com...
BU326A WINGS-BU326A Datasheet
21Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
BU326A BOCA-BU326A Datasheet
129Kb / 3P
   HIGH VOLTAGE POWER TRANSISTORS
More results

Similar Description - BU326A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE198 NTE-NTE198 Datasheet
21Kb / 2P
   Silicon NPN Transistor High Voltage Power Transistor
logo
Mospec Semiconductor
TIP51 MOSPEC-TIP51 Datasheet
127Kb / 3P
   High-Voltage NPN Silicon Power Transistor
logo
Central Semiconductor C...
CZTUX87 CENTRAL-CZTUX87_15 Datasheet
603Kb / 2P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
logo
ON Semiconductor
MJE3439G ONSEMI-MJE3439G Datasheet
82Kb / 4P
   NPN Silicon High-Voltage Power Transistor
December, 2013 ??Rev. 13
logo
STMicroelectronics
BUX87 STMICROELECTRONICS-BUX87 Datasheet
182Kb / 5P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BUX80 NJSEMI-BUX80 Datasheet
169Kb / 2P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
logo
STMicroelectronics
BU326A STMICROELECTRONICS-BU326A Datasheet
62Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
BUX80 STMICROELECTRONICS-BUX80 Datasheet
62Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
logo
Continental Device Indi...
BU109 CDIL-BU109 Datasheet
190Kb / 3P
   NPN HIGH VOLTAGE SILICON POWER TRANSISTOR
logo
STMicroelectronics
BUH2M20AP STMICROELECTRONICS-BUH2M20AP Datasheet
67Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com