Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC56-13EWA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BC56-13EWA
Description  14mm (0.56INCH) THREE DIGIT NUMERIC DISPLAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BC56-13EWA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BC56-13EWA Datasheet HTML 1Page - List of Unclassifed Manufacturers BC56-13EWA Datasheet HTML 2Page - List of Unclassifed Manufacturers BC56-13EWA Datasheet HTML 3Page - List of Unclassifed Manufacturers BC56-13EWA Datasheet HTML 4Page - List of Unclassifed Manufacturers BC56-13EWA Datasheet HTML 5Page - List of Unclassifed Manufacturers BC56-13EWA Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7-B56-3
Symbol
Parameter
Device
Typ.
Max.
Units Test Conditions
Peak Wavelength
Bright Red
High Efficiency Red
Green
Yellow
Super Bright Red
700
625
565
590
660
nm
IF=20mA
Spectral Line
Halfwidth
Bright Red
High Efficiency Red
Green
Yellow
Super Bright Red
45
45
30
35
20
nm
IF=20mA
Capacitance
Bright Red
High Efficiency Red
Green
Yellow
Super Bright Red
40
12
45
10
95
pF
VF=0V;f=1MHz
Forward Voltage
Bright Red
High Efficiency Red
Green
Yellow
Super Bright Red
2.0
2.0
2.2
2.1
1.85
2.5
2.5
2.5
2.5
2.5
V
IF=20mA
Reverse Current
All
10
uA
VR = 5V
Electrical / Optical Characteristics at TA=25°C
λpeak
∆λ1/2
C
vF
IR
Absolute Maximum Ratings at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
Parameter
Bright Red High Efficiency
Red
Green
Yellow
Super
Bright Red
Units
Power dissipation
120
105
105
105
100
mW
DC Forward Current
25
30
25
30
30
mA
Peak Forward Current [1]
150
150
150
150
150
mA
Reverse Voltage
5
5
5
5
5
V
Operating/Storage Temperature
-40
To +85
Lead Soldering Temperature [2]
260
For 5 Seconds
°C
°C
°C


Similar Part No. - BC56-13EWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
BC56-13EWA KINGBRIGHT-BC56-13EWA Datasheet
159Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
More results

Similar Description - BC56-13EWA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA56-11 ETC-SA56-11 Datasheet
729Kb / 6P
   14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Kingbright Corporation
BA56-11SRWA KINGBRIGHT-BA56-11SRWA Datasheet
158Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-13SRWA KINGBRIGHT-BA56-13SRWA Datasheet
157Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-13YWA KINGBRIGHT-BA56-13YWA Datasheet
159Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BC56-11GWA KINGBRIGHT-BC56-11GWA Datasheet
159Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-12SRWA KINGBRIGHT-BA56-12SRWA Datasheet
127Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BC56-12SYKWA KINGBRIGHT-BC56-12SYKWA Datasheet
360Kb / 6P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-11SURKWA KINGBRIGHT-BA56-11SURKWA Datasheet
370Kb / 6P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BC56-11YWA KINGBRIGHT-BC56-11YWA Datasheet
159Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BC56-12EWA KINGBRIGHT-BC56-12EWA Datasheet
155Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com