Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPX1608LL80R2455A Datasheet(PDF) 3 Page - YAGEO Corporation

Part # DPX1608LL80R2455A
Description  WIRELESS COMPONENTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

DPX1608LL80R2455A Datasheet(HTML) 3 Page - YAGEO Corporation

  DPX1608LL80R2455A Datasheet HTML 1Page - YAGEO Corporation DPX1608LL80R2455A Datasheet HTML 2Page - YAGEO Corporation DPX1608LL80R2455A Datasheet HTML 3Page - YAGEO Corporation DPX1608LL80R2455A Datasheet HTML 4Page - YAGEO Corporation DPX1608LL80R2455A Datasheet HTML 5Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.yageo.com
Aug. 18, 2014 V.2
WIRELESS COMPONENTS
3
5
Product specification
Diplexer
SPECIFICATION
DESCRIPTION
VALUE
Pass Band
Low Band
High Band
2400~2500MHz
4900~6000MHz
Insertion loss
0.7dB (Max) at 25°C
0.8dB (Max) at 25°C
Return-Loss
10.0dB(Min)
12.0dB(Min)
Attenuation
20dB(Min).@4.8~5GHz
20dB(Min).@7.2~7.5GHz
28dB(Min).@860~960MHz
23dB(Min).@1545~1605MHz
23dB(Min).@1710~1990GHz
28dB(Min).@2.17GHz
8dB(Min).@8.1GHz
15dB(Min).@8.82~9.8GHz
27dB(Min).@9.8~11.8GHz
Isolation
Middle Band to High Band: 20dB (Min). @4.9~5.95GHz
Operating Temperature
-40 ~ 85℃
Dimension
1.6 x 0.8 x0.6mm
Table 1
O
OU
UT
TL
LIIN
NE
ES
S
Fig. 1 Filter outlines
TERMINAL NAME
FUNCTION
P1
Ground
P2
Common port
P3
Ground
P4
Low band port
P5
Ground
P6
High band port
Table 3 Termination configuration
DIMENSIONS
DIMENSION
L (mm)
1.60±0.15
W (mm)
0.80±0.15
T (mm)
0.60±0.15
P1 (mm)
0.20±0.15
P2 (mm)
0.20±0.15
P3 (mm)
0.20±0.15
P4 (mm)
0.20±0.15
P5 (mm)
0.20±0.15
P6 (mm)
0.20±0.15
D1 (mm)
0.20±0.15
D2 (mm)
0.30±0.10
D3 (mm)
0.15±0.10
Table 2 Machinical Dimension


Similar Part No. - DPX1608LL80R2455A

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DPX1608LL80R2455A PULSE-DPX1608LL80R2455A Datasheet
448Kb / 4P
   1608 2.4G&5GHz Diplexer
More results

Similar Description - DPX1608LL80R2455A

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANTX200P001B15163 YAGEO-ANTX200P001B15163 Datasheet
466Kb / 7P
   WIRELESS COMPONENTS
ANTX100P001B50003 YAGEO-ANTX100P001B50003 Datasheet
454Kb / 7P
   WIRELESS COMPONENTS
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A_17 Datasheet
458Kb / 5P
   WIRELESS COMPONENTS
ANT8868LL00R1880A YAGEO-ANT8868LL00R1880A Datasheet
524Kb / 6P
   WIRELESS COMPONENTS
ANT1204F002R0315A YAGEO-ANT1204F002R0315A Datasheet
407Kb / 6P
   WIRELESS COMPONENTS
ANT1212B00DT1575S YAGEO-ANT1212B00DT1575S Datasheet
579Kb / 6P
   WIRELESS COMPONENTS
ANT3216LL15R1575A YAGEO-ANT3216LL15R1575A_17 Datasheet
478Kb / 6P
   WIRELESS COMPONENTS
ANT5010LL04R2400A YAGEO-ANT5010LL04R2400A Datasheet
492Kb / 6P
   WIRELESS COMPONENTS
ANTX100F113B24003 YAGEO-ANTX100F113B24003 Datasheet
511Kb / 6P
   WIRELESS COMPONENTS
ANT1515JB27B1575A YAGEO-ANT1515JB27B1575A Datasheet
365Kb / 5P
   WIRELESS COMPONENTS
ANT1204LL20R0433A YAGEO-ANT1204LL20R0433A Datasheet
813Kb / 6P
   WIRELESS COMPONENTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com