Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA56-12HWA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BA56-12HWA
Description  14mm (0.56INCH) THREE DIGIT NUMERIC DISPLAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BA56-12HWA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BA56-12HWA Datasheet HTML 1Page - List of Unclassifed Manufacturers BA56-12HWA Datasheet HTML 2Page - List of Unclassifed Manufacturers BA56-12HWA Datasheet HTML 3Page - List of Unclassifed Manufacturers BA56-12HWA Datasheet HTML 4Page - List of Unclassifed Manufacturers BA56-12HWA Datasheet HTML 5Page - List of Unclassifed Manufacturers BA56-12HWA Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7-B56-1
Features
l
0.56 INCH DIGIT HEIGHT.
l
LOW CURRENT OPERATION.
l
EXCELLENT CHARACTER APPEARANCE.
l
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
l
I.C. COMPATIBLE.
l
CATEGORIZED FOR LUMINOUS INTENSITY,
YELLOW AND GREEN CATEGORIZED FOR COLOR.
l
MECHANICALLY RUGGED.
l
STANDARD : GRAY FACE, WHITE SEGMENT.
Description
The Bright Red source color devices are made with Gallium
Phosphide Red Light Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions
Interal
Circuit
Diagram
Kingbright
®
14mm (0.56INCH) THREE DIGIT
NUMERIC DISPLAYS
BA56-11
BC56-11
BA56-12
BC56-12
BA56-13
BC56-13


Similar Part No. - BA56-12HWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
BA56-12CGKWA KINGBRIGHT-BA56-12CGKWA Datasheet
360Kb / 6P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-12EWA KINGBRIGHT-BA56-12EWA Datasheet
155Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-12GWA KINGBRIGHT-BA56-12GWA Datasheet
154Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-12SRWA KINGBRIGHT-BA56-12SRWA Datasheet
127Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-12SURKWA KINGBRIGHT-BA56-12SURKWA Datasheet
361Kb / 6P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
More results

Similar Description - BA56-12HWA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA56-11 ETC-SA56-11 Datasheet
729Kb / 6P
   14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Kingbright Corporation
BA56-11SRWA KINGBRIGHT-BA56-11SRWA Datasheet
158Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-13SRWA KINGBRIGHT-BA56-13SRWA Datasheet
157Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-13YWA KINGBRIGHT-BA56-13YWA Datasheet
159Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BC56-11GWA KINGBRIGHT-BC56-11GWA Datasheet
159Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-12SRWA KINGBRIGHT-BA56-12SRWA Datasheet
127Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BC56-12SYKWA KINGBRIGHT-BC56-12SYKWA Datasheet
360Kb / 6P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-11SURKWA KINGBRIGHT-BA56-11SURKWA Datasheet
370Kb / 6P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BC56-11YWA KINGBRIGHT-BC56-11YWA Datasheet
159Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BC56-12EWA KINGBRIGHT-BC56-12EWA Datasheet
155Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com