Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CST3040CT Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # CST3040CT
Description  30A Trench Low Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CST3040CT Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  CST3040CT Datasheet HTML 1Page - Chip Integration Technology Corporation CST3040CT Datasheet HTML 2Page - Chip Integration Technology Corporation CST3040CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
CITC reserves the right to make changes to this document and its products and specifications at any
time without notice.
Customers should obtain and confirm the latest product information and specifications before final
design, purchase or use.
CITC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does CITC assume any liability for application assistance or customer product
design.
CITC does not warrant or accept any liability with products which are purchased or used for any
unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of CITC.
CITC products are not authorized for use as critical components in life support devices or systems
without express written approval of CITC.
http://www.citcorp.com.tw/
Tel:886-3-5600628
Fax:886-3-5600636
Add:Rm. 3, 2F., No.32, Taiyuan St., Zhubei City, Hsinchu County 302, Taiwan (R.O.C.)
30A Trench Low Barrier Diode
CST3040CT
Document ID : DS-11K7P
Revised Date : 2015/05/26
Revision : C4


Similar Part No. - CST3040CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CST306-1A ETC2-CST306-1A Datasheet
472Kb / 2P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST306-1A TRIAD-CST306-1A Datasheet
85Kb / 1P
   Current Sense Transformers
logo
List of Unclassifed Man...
CST306-1T ETC2-CST306-1T Datasheet
472Kb / 2P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST306-1T TRIAD-CST306-1T Datasheet
87Kb / 1P
   Current Sense Transformers
logo
List of Unclassifed Man...
CST306-2A ETC2-CST306-2A Datasheet
472Kb / 2P
   Current Sense Transformers
More results

Similar Description - CST3040CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CST30L40CT CITC-CST30L40CT Datasheet
465Kb / 3P
   30A Trench Low Barrier Diode
CSTF30L40CT CITC-CSTF30L40CT Datasheet
479Kb / 3P
   30A Trench Low Barrier Diode
CSTF3040CT CITC-CSTF3040CT Datasheet
479Kb / 3P
   30A Trench Low Barrier Diode
CSF30L50CT-A CITC-CSF30L50CT-A Datasheet
467Kb / 3P
   30A Low Barrier Diode
CS30L60CTG-A CITC-CS30L60CTG-A Datasheet
460Kb / 3P
   30A Low Barrier Diode
CSTF10S40CT CITC-CSTF10S40CT Datasheet
467Kb / 3P
   10A Trench Low Barrier Diode
CST10S40CT CITC-CST10S40CT Datasheet
466Kb / 3P
   10A Trench Low Barrier Diode
CSTF20L40CT CITC-CSTF20L40CT Datasheet
467Kb / 3P
   20A Trench Low Barrier Diode
CST20L40CT CITC-CST20L40CT Datasheet
465Kb / 3P
   20A Trench Low Barrier Diode
logo
Diodes Incorporated
SBRT30U45CT DIODES-SBRT30U45CT Datasheet
265Kb / 5P
   30A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com