Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSRS1550-A Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # CSRS1550-A
Description  Super Low Barrier High Voltage Power Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSRS1550-A Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  CSRS1550-A Datasheet HTML 1Page - Chip Integration Technology Corporation CSRS1550-A Datasheet HTML 2Page - Chip Integration Technology Corporation CSRS1550-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Reverse Voltage,V (V)
R
Fig. 2 - Instantaneous Forward
Characteristics
Fig. 3 - Reverse Characteristics
Instantaneous Forward Voltage,V (Volts)
F
Fig. 1 - Forward Power Dissipation
Average Forward Current,I
(A)
F ( AV )
Fig. 6 - Maximum Avalanche Power Curve
Pulse Duration,T (us)
P
Fig. 5 - Total Capacitance VS.
Reverse Voltage
Reverse Voltage,V (V)
R
0
5
10
15
5
4
3
2
1
0
1000000
10000
1000
1
10
100
1000
10000
0.1
1
10
100
1000000
10000
1000
100
10
1
f = 1MHz
100
10
1
0.1
0.01
0
0.1
0.2
0.3
0.4
0.5
0.6
T =25°C
A
T =100°C
A
T =125°C
A
T =75°C
A
T =150°C
A
10
20
30
40
50
1000
10
1
0.1
0.01
O
T =25 C
A
O
T =75 C
A
O
T =100 C
A
O
T =125 C
A
O
T =15
0 C
A
100
CSRS1550-A
Chip Integration Technology Corporation
Super Low Barrier High Voltage Power Rectifier
Document ID : DS-11KG2
Revised Date : 2015/08/11
Revision : C1
Fig.4 - Forward Current Derating Curve
O
Case Temperature,T ( C)
C
25
50
75
100
125
150
175
18
12
6
0
15
9
3


Similar Part No. - CSRS1550-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSRS1045-A CITC-CSRS1045-A Datasheet
457Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSRS1060-A CITC-CSRS1060-A Datasheet
79Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results

Similar Description - CSRS1550-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CS20S60CT-A CITC-CS20S60CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30L50CT-A CITC-CS30L50CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30S60CT-A CITC-CS30S60CT-A Datasheet
480Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30S100CT-A CITC-CS30S100CT-A Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS3060CT-A CITC-CS3060CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10L150CT-A CITC-CSF10L150CT-A Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10S100CT CITC-CSF10S100CT Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30L100CT CITC-CSF30L100CT Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30L150CT CITC-CSF30L150CT Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF2060CT-A CITC-CSF2060CT-A Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10100CT-A CITC-CSF10100CT-A Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com