Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSRS560-A Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CSRS560-A
Description  Super Low Barrier High Voltage Power Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSRS560-A Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CSRS560-A Datasheet HTML 1Page - Chip Integration Technology Corporation CSRS560-A Datasheet HTML 2Page - Chip Integration Technology Corporation CSRS560-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
■ Features
Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Axial lead type devices for through hole design.
Low forward voltage drop.
Excellent high temperature stability.
Fast switching capability.
Suffix "G" indicates Halogen-free part, ex.CSRS560G-A.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
CSRS560-A
Forward rectified current
Forward surge current
Thermal resistance
Operating and Storage temperature
Parameter
Forward voltage drop
Reverse current
Parameter
Marking code
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, DO-201AD / DO-27
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
• Polarity : Color band denotes cathode end
• Weight : Approximated 1.10 gram
DO-27(DO-201AD)
Marking code
1.0 (25.4) MIN.
1.0 (25.4) MIN.
.375 (9.6)
.285 (7.2)
.052 (1.3)
.048 (1.2)
DIA.
.220 (5.6)
.197 (4.8)
DIA.
I
O
I
F S M
T , T
J
S T G
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CSRS560-A
UNIT
-55 ~ +150
5
200
A
A
O C/W
O C
20
R
θ J C
Junction to case
CSRS560
V
R M
V
RW M
V
R R M
60
V
I
R R M
Peak repetitive reverse surge current
A
2us - 1kHz
2
V
F
I
R
O
V
= V
T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
0.5
mV
mA
MIN.
MAX.
O
I = 5A, T = 25 C
F
J
480
O
I = 5A, T = 125 C
F
J
420
O
V
= V
T = 25 C
R
R R M
J
100
Document ID : DS-11KB6
Revised Date : 2015/08/10
Revision : C2
Main Product Characteristics
I
F ( AV )
5A
V
R R M
T
J
V
( Ty p )
60V
O
150 C
0.45V
Chip Integration Technology Corporation
Super Low Barrier High Voltage Power Rectifier


Similar Part No. - CSRS560-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSRS545-A CITC-CSRS545-A Datasheet
456Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results

Similar Description - CSRS560-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CS20S60CT-A CITC-CS20S60CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30L50CT-A CITC-CS30L50CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30S60CT-A CITC-CS30S60CT-A Datasheet
480Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30S100CT-A CITC-CS30S100CT-A Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS3060CT-A CITC-CS3060CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10L150CT-A CITC-CSF10L150CT-A Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10S100CT CITC-CSF10S100CT Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30L100CT CITC-CSF30L100CT Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30L150CT CITC-CSF30L150CT Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF2060CT-A CITC-CSF2060CT-A Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10100CT-A CITC-CSF10100CT-A Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com