Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF244A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BF244A
Description  N-Channel RF Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BF244A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BF244A Datasheet HTML 1Page - Fairchild Semiconductor BF244A Datasheet HTML 2Page - Fairchild Semiconductor BF244A Datasheet HTML 3Page - Fairchild Semiconductor BF244A Datasheet HTML 4Page - Fairchild Semiconductor BF244A Datasheet HTML 5Page - Fairchild Semiconductor BF244A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BF244A
BF244B
BF244C
N-Channel RF Amplifier
This device is designed for RF amplifier and mixer applications
operating up to 450 MHz, and for analog switching requiring low
capacitance. Sourced from Process 50.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Characteristic
Max
Units
BF244A / BF244B / BF244C
PD
Total Device Dissipation
Derate above 25
°C
350
2.8
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
125
°C/W
RθJA
Thermal Resistance, Junction to Ambient
357
°C/W
Symbol
Parameter
Value
Units
VDG
Drain-Gate Voltage
30
V
VGS
Gate-Source Voltage
- 30
V
ID
Drain Current
50
mA
IGF
Forward Gate Current
10
mA
Tstg
Storage Temperature Range
-55 to +150
°C
S
G
D
TO-92
1997 Fairchild Semiconductor Corporation


Similar Part No. - BF244A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BF244A FAIRCHILD-BF244A Datasheet
26Kb / 2P
   N-Channel RF Amplifier
logo
National Semiconductor ...
BF244A NSC-BF244A Datasheet
120Kb / 2P
   JFET PRO ELECTRON SERIES
logo
List of Unclassifed Man...
BF244A ETC1-BF244A Datasheet
213Kb / 4P
   PLASTIC-CASE JUNCTION FIELD-EFFECT TRANSISTORS
logo
ON Semiconductor
BF244A ONSEMI-BF244A Datasheet
172Kb / 8P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
June, 2001 ??Rev. 0
logo
Fairchild Semiconductor
BF244A FAIRCHILD-BF244A Datasheet
79Kb / 6P
   N-Channel RF Amplifier
More results

Similar Description - BF244A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BF244A FAIRCHILD-BF244A Datasheet
26Kb / 2P
   N-Channel RF Amplifier
2N3819 FAIRCHILD-2N3819_02 Datasheet
33Kb / 3P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102_04 Datasheet
26Kb / 3P
   N-Channel RF Amplifier
J210 FAIRCHILD-J210 Datasheet
199Kb / 5P
   N-Channel RF Amplifier
MMBF102 FAIRCHILD-MMBF102 Datasheet
1Mb / 9P
   N-Channel RF Amplifier
J304 FAIRCHILD-J304 Datasheet
27Kb / 3P
   N-Channel RF Amplifier
J309 FAIRCHILD-J309_10 Datasheet
213Kb / 6P
   N-Channel RF Amplifier
MMBFJ305 FAIRCHILD-MMBFJ305_11 Datasheet
126Kb / 3P
   N-Channel RF Amplifier
2N5484 FAIRCHILD-2N5484_09 Datasheet
362Kb / 7P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102 Datasheet
22Kb / 3P
   N-Channel RF Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com