Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSP5L100S-A Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CSP5L100S-A
Description  Super Low Barrier High Voltage Power Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSP5L100S-A Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CSP5L100S-A Datasheet HTML 1Page - Chip Integration Technology Corporation CSP5L100S-A Datasheet HTML 2Page - Chip Integration Technology Corporation CSP5L100S-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
■ Features
Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Low forward voltage drop.
Excellent high temperature stability.
Fast switching capability.
Suffix "G" indicates Halogen-free part, ex.CSP5L100SG-A.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Forward rectified current
Forward surge current
Thermal resistance
Operating and Storage temperature
Parameter
Marking code
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
TO-277
0.216 (5.48)
0.208 (5.28)
0.264 (6.70)
0.248 (6.30)
0.028 (0.71)
0.016 (0.41)
0.028 (0.71)
0.016 (0.41)
0.073 (1.85)
0.069 (1.75)
0.145 (3.69)
0.133 (3.39)
0.069 (1.74)
0.057 (1.44)
0.037 (0.95)
0.033 (0.85)
0.037 (0.95)
0.033 (0.85)
0.124 (3.15)
0.112 (2.85)
0.049 (1.25)
0.037 (0.95)
0.014 (0.35)
0.010 (0.25)
PIN 2
1
3
2
• Epoxy : UL94-V0 rated flame retardant.
.
• Case : Molded plastic, TO-277
• Lead : Solder plated, solderable per MIL-STD-750,
Method 2026.
.
• Polarity: Indicated by cathode band
.
• Mounting Position : Any
.
• Weight : Approximated 0.093 grams
0.077 (1.96)
0.069 (1.76)
PIN 1
PIN 3
Note : 1.Theoretical RθJS calculated from the top center of the die straight down to the PCB cathode tab solder junction.
2.Polymide PCB, 2oz.Copper.
I
O
I
F S M
R
θ J C
T , T
J
S T G
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CSP5L100S-A
UNIT
-55 ~ +150
5
200
A
A
O C
O C/W
Junction to case
6
CSP5L100S
V
R M
V
RW M
V
R R M
100
V
CSP5L100S-A
Document ID : DS-12KFM
Revised Date : 2015/08/11
Revision : C1
Forward voltage drop
Reverse current
Parameter
V
F
I
R
O
V
= V
T = 25 C
R
R R M
J
O
V
= V
T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
100
0.1
mV
mA
MIN.
MAX.
O
I = 5A, T = 25 C
F
J
O
I = 5A, T = 125 C
F
J
600
720
Main Product Characteristics
I
F ( AV )
5A
V
R R M
T
J
V
( Ty p )
100V
O
150 C
0.53V
Chip Integration Technology Corporation
Super Low Barrier High Voltage Power Rectifier
530


Similar Part No. - CSP5L100S-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSP545S-A CITC-CSP545S-A Datasheet
464Kb / 3P
   5A Surface Mount Low Barrier Diode
CSP560S-A CITC-CSP560S-A Datasheet
477Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSP5S45S-A CITC-CSP5S45S-A Datasheet
465Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSP5S60S-A CITC-CSP5S60S-A Datasheet
477Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results

Similar Description - CSP5L100S-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CS20S60CT-A CITC-CS20S60CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30L50CT-A CITC-CS30L50CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30S60CT-A CITC-CS30S60CT-A Datasheet
480Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30S100CT-A CITC-CS30S100CT-A Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS3060CT-A CITC-CS3060CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10L150CT-A CITC-CSF10L150CT-A Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10S100CT CITC-CSF10S100CT Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30L100CT CITC-CSF30L100CT Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30L150CT CITC-CSF30L150CT Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF2060CT-A CITC-CSF2060CT-A Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10100CT-A CITC-CSF10100CT-A Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com