Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1767 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE1767
Description  Integrated Circuit Vertical Deflection Output Circuit for Color TV
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE1767 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (VCC = 24V, TA = +25°C, RL = 8Ω, 9.4mH unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Supply Current
IOC
240
270
300
mA
Deflection Current
IDEF
1.9
2.0
2.1
AP–P
Neutral Point Potential
VODC
10
12
14
V
Flyback Pulse Voltage
RPV
46
49
54
V
Blanking Pulse Width
RPW
550
650
750
µs
Idling Current
IQ
8
16
24
mA
Voltage Booster Discharge Saturation Voltage
VS6–7
1.8
2.4
V
Voltage Booster Charge Saturation Voltage
VS7–1
1.0
1.5
V
Voltage Booster Charge Current
I7
55
85
120
mA
Deflection Circuit Output Saturation Voltage
VS2–1
1.0
1.6
V
VS3–2
2.4
3.0
V
Deflection Circuit Input Saturation Voltage
V4
0.85
1.0
1.15
V
Voltage Gain
AVO
55
dB
Input Resistance
Rin
22
k
Thermal Resistance, Junction–to–Case
RΘJC
4.0
°C/W
VCC
Pin Connection Diagram
Input
GND
Deflection Output
Power for Vertical
Voltage Booster Output
N.C.
1
8
7
6
5
Capacitor for Preventing
4
3
2
1
Oscillation
Deflection Output
(Front View)


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn