Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1767 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1767
Description  Integrated Circuit Vertical Deflection Output Circuit for Color TV
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE1767 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE1767
Integrated Circuit
Vertical Deflection Output Circuit
for Color TV
Description:
The NTE1767 is a vertical deflection output circuit in a 8–Lead SIP type package for use in Color TV
applications of 22 inch or larger. This device requires no voltage–boosted pulses and, therefore, can
be connected to a chrominance–video deflection circuit (NTE1793), deflection circuit (NTE1664), or
the like.
Features:
D Requires High Power Voltage only during Flyback Time, Greatly Reducing Power Consumption
D Deflection Control in the Preceeding Stage can be used both by Discrete Components and ICs
Absolute Maximum Ratings: (TA = +25°C, Note 1, unless otherwise specified)
Power Supply Voltage, VDC (V6)
30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Circuit Current, ICC
350mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Deflection Circuit Voltage, V3
65V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Deflection Input Signal Voltage, V4
2.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Deflection Output Current, IDEF (I2)
–1.5 to +1.5APEAK
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage Booster Output Current, I7
–1.5 to +1.5APEAK
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage Booster Output Voltage, V7
V6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Allowablw Power Dissipation, PD
8W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. A positive current flows into the NTE1767 and a negative current flows out of it.
Recommended Operating Conditions: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Supply Voltage (V6)
VCC
20
24
27
V
Deflection Output Current (I2)
IDEF
1.0
2.1
AP–P


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn