Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASX0837HG Datasheet(PDF) 10 Page - Advanced Semiconductor Business Inc.

Part # ASX0837HG
Description  X Band Power Amplifier MMIC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX0837HG Datasheet(HTML) 10 Page - Advanced Semiconductor Business Inc.

Back Button ASX0837HG Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX0837HG Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX0837HG Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX0837HG Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASX0837HG Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASX0837HG Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASX0837HG Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASX0837HG Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASX0837HG Datasheet HTML 14Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10/14
ASB Inc.
 sales@asb.co.kr
June 2017
ASX0837HG
VDD = +7 V, IDD = 1300 mA,
Δf = 10 MHz
@ 7.75 GHz
VDD = +7 V, IDD = 1300 mA, Δf = 10 MHz
@ 8.0 GHz
VDD = +7 V, IDD = 1300 mA,
Δf = 10 MHz
@ 8.25 GHz
IMD3 vs. Output Power / Tone by Temperature
VDD = +7 V, IDD = 1300 mA, Δf = 10 MHz
@ 7.5 GHz


Similar Part No. - ASX0837HG

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
ASX08604-SW-R PUIAUDIO-ASX08604-SW-R Datasheet
366Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
ASX08804-TP-R PUIAUDIO-ASX08804-TP-R Datasheet
360Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
ASX08808-TP-R PUIAUDIO-ASX08808-TP-R Datasheet
360Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - ASX0837HG

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX1037HG ASB-ASX1037HG Datasheet
744Kb / 17P
   X Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
ESM5068VU EUDYNA-ESM5068VU Datasheet
222Kb / 16P
   X-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1037 ASB-ASX1037 Datasheet
658Kb / 14P
   X Band Power Amplifier MMIC
June 2017
logo
List of Unclassifed Man...
FMM5061VF ETC1-FMM5061VF Datasheet
176Kb / 15P
   X-Band Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA246 FILTRONIC-FMA246_1 Datasheet
347Kb / 5P
   HIGH GAIN X-BAND MMIC AMPLIFIER
logo
Eudyna Devices Inc
FMM5007VF EUDYNA-FMM5007VF Datasheet
155Kb / 7P
   Ku Band Power Amplifier MMIC
FMM5822X EUDYNA-FMM5822X Datasheet
299Kb / 14P
   K-Band Power Amplifier MMIC
ESM5832VU EUDYNA-ESM5832VU Datasheet
195Kb / 13P
   K-Band Power Amplifier MMIC
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
   Ku band Power Amplifier MMIC
FMM5063X EUDYNA-FMM5063X Datasheet
584Kb / 14P
   Ku-Band Power Amplifier MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com