Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M40S-66A105AA0 Datasheet(PDF) 6 Page - SICK AG

Part # M40S-66A105AA0
Description  MULTIPLE LIGHT BEAM SAFETY DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

M40S-66A105AA0 Datasheet(HTML) 6 Page - SICK AG

  M40S-66A105AA0 Datasheet HTML 1Page - SICK AG M40S-66A105AA0 Datasheet HTML 2Page - SICK AG M40S-66A105AA0 Datasheet HTML 3Page - SICK AG M40S-66A105AA0 Datasheet HTML 4Page - SICK AG M40S-66A105AA0 Datasheet HTML 5Page - SICK AG M40S-66A105AA0 Datasheet HTML 6Page - SICK AG M40S-66A105AA0 Datasheet HTML 7Page - SICK AG M40S-66A105AA0 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
M40S-66A105AA0, M40E-66A105RA0 | M4000 Area
MULTIPLE LIGHT BEAM SAFETY DEVICES
Length of the monitored area S
L1
L2
300 (11.81)
387 (15.24)
416 (16.38)
450 (17.72)
537 (21.14)
566 (22.28)
600 (23.62)
687 (27.05)
716 (28.19)
750 (29.53)
837 (32.95)
866 (34.09)
900 (35.43)
987 (38.86)
1,016 (40.00)
1,050 (41.34)
1,137 (44.76)
1,166 (45.91)
1,200 (47.24)
1,287 (50.67)
1,316 (51.81)
1,350 (53.15)
1,437 (56.57)
1,466 (57.72)
1,500 (59.06)
1,587 (62.48)
1,616 (63.62)
1,650 (64.96)
1,737 (68.39)
1,766 (69.53)
1,800 (70.87)
1,887 (74.29)
1,916 (75.43)
Connection diagram
M4000 Area connected to UE10-3OS safety relay
0 V
2) PELV
+24 V
S1
H3
M4000S
Area
2
FE
M4000R
Area
2
FE
7
8
9
10
4
3
5
6
1
4
3
7
8
10
9
6
5
1
11
GND
FE
OSSD1
OSSD2
ADO
RR
EFib
EFia
EDM
+24 V
RES
n.c.
FE
GND
n.c.
n.c.
EFIb
EFIa
n.c.
n.c.
n.c.
+24 V
Test
n.c.
11
H2
B1
B3
Y1
13
23
33
41
1)
B2
B4
Y2
14
24
34
42
UE10-3OS
E119955/00/2014-07-29
Task
Connection of an M4000 Area multiple light beam safety device to a UE10-3OS safety relay.
Operating mode: with restart interlock and external device monitoring.
Operating characteristics
When the light path is clear and the UE10-3OS is de-energized and functioning correctly, the yellow LED on the receiver and the H3
lamp flash. The system is ready for switch-on and waits for an input signal/switch-on signal. The system is enabled by pressing and
releasing the S1 button. The OSSD1 and OSSD2 outputs are live, the UE10-3OS is switched on. On interruption of one or several of
the light beams, the UE10-3OS is de-energized by the OSSD1 and OSSD2 outputs.
If the optics are dirty, H2 indicator illuminates.
Fault analysis
OSSD cross-circuits and short-circuits are detected and lead to the inhibited state (lock-out). The erroneous behavior of the
UE10-3OS will be detected. The shutdown function is retained. On manipulation (e.g., jamming) of the S1 button, the system does
not enable the output current circuits.
Comments
1) Output circuits: These contacts are to be connected to the controller such that, with the output circuit open, the dangerous state
is disabled. For categories 4 and 3, this integration must be dual-channel (x/y paths). Single-channel insertion in the control (z
path) is only possible with a single-channel control and by taking the risk analysis into account.
2) PELV in accordance with the requirements in
EN 60204-1 / 6.4
Take note of the operating instructions of the integrated devices. This applies particularly to the use of configurable functions.
6
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-08-24 18:11:25
Subject to change without notice


Similar Part No. - M40S-66A105AA0

ManufacturerPart #DatasheetDescription
logo
SICK AG
M40S-66A005AA0 SICK-M40S-66A005AA0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results

Similar Description - M40S-66A105AA0

ManufacturerPart #DatasheetDescription
logo
SICK AG
M20E-02150A122 SICK-M20E-02150A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-02250A120 SICK-M20E-02250A120 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-03140A222 SICK-M20E-03140A222 Datasheet
1Mb / 6P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-025013RB0 SICK-M40E-025013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026013RB0 SICK-M40E-026013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026033RB0 SICK-M40E-026033RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-032223RB0 SICK-M40E-032223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-04230A122 SICK-M20E-04230A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072220RT0 SICK-M40E-072220RT0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072223RB0 SICK-M40E-072223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-091A3A122 SICK-M20E-091A3A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com