Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD95490Q5MC Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD95490Q5MC
Description  Synchronous Buck NexFET Smart Power Stage
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD95490Q5MC Datasheet(HTML) 3 Page - Texas Instruments

  CSD95490Q5MC Datasheet HTML 1Page - Texas Instruments CSD95490Q5MC Datasheet HTML 2Page - Texas Instruments CSD95490Q5MC Datasheet HTML 3Page - Texas Instruments CSD95490Q5MC Datasheet HTML 4Page - Texas Instruments CSD95490Q5MC Datasheet HTML 5Page - Texas Instruments CSD95490Q5MC Datasheet HTML 6Page - Texas Instruments CSD95490Q5MC Datasheet HTML 7Page - Texas Instruments CSD95490Q5MC Datasheet HTML 8Page - Texas Instruments CSD95490Q5MC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
REFIN
IOUT
LSET
VDD
VOS
SW
PGND
VIN
BOOTR
BOOT
PWM
EN/FCCM
TAO/FLT
3
CSD95490Q5MC
www.ti.com
SLPS669 – MARCH 2017
Product Folder Links: CSD95490Q5MC
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NUMBER
REFIN
1
External reference voltage input for current sensing amplifier.
IOUT
2
Output of current sensing amplifier. V(IOUT) – V(REFIN) is proportional to the phase current.
LSET
3
A resistor from this pin to PGND pin sets the inductor value for the internal current sensing circuitry.
VDD
4
Supply voltage for gate drivers and internal circuitry.
VOS
5
Output voltage sensing pin for the internal current sensing circuitry.
SW
6
Phase node connecting the HS MOSFET source and LS MOSFET drain – pin connection to the output inductor.
VIN
7
Input voltage pin. Connect input capacitors close to this pin.
BOOTR
8
Return path for HS gate driver. It is connected to VSW internally.
BOOT
9
Bootstrap capacitor connection. Connect a minimum 0.1-µF, 16-V, X5R ceramic cap from BOOT to BOOTR pins.
The bootstrap capacitor provides the charge to turn on the control FET. The bootstrap diode is integrated.
PWM
10
Tri-state input from external controller. Logic low sets control FET gate low and sync FET gate high. Logic high
sets control FET gate high and sync FET gate low. Both MOSFET gates are set low if PWM stays in Hi-Z for
greater than the tri-state shutdown hold-off time (t3HT).
EN/FCCM
11
This dual function pin either enables the diode emulation function or can be used as a simple enable for the
device. When this pin is driven into the tri-state window and held there for more than the tri-state holdoff time,
Diode Emulation Mode (DEM) is enabled for sync FET. When the pin is high, device operates in Forced
Continuous Conduction Mode (FCCM). When the pin is low, both FETs are held off. An internal resistor pulls this
pin low if left floating.
TAO/FAULT
12
Temperature Amplifier Output. Reports a voltage proportional to the IC temperature. An ORing diode is
integrated in the IC. When used in multiphase application, a single wire can be used to connect the TAO pins of
all the ICs. Only the highest temperature will be reported. TAO will be pulled up to 3.3 V if thermal shutdown,
LSOC, or HSS detection circuit is tripped.
PGND
13
Power ground.


Similar Part No. - CSD95490Q5MC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95491Q5MC TI1-CSD95491Q5MC Datasheet
765Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95491Q5MCT TI1-CSD95491Q5MCT Datasheet
765Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95492QVM TI1-CSD95492QVM Datasheet
774Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95492QVMT TI1-CSD95492QVMT Datasheet
774Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95495QVM TI1-CSD95495QVM Datasheet
774Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
More results

Similar Description - CSD95490Q5MC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95481RWJ TI1-CSD95481RWJ Datasheet
809Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD96497Q5MC TI1-CSD96497Q5MC Datasheet
249Kb / 11P
[Old version datasheet]   Synchronous buck NexFET smart power stage
CSD95492QVM TI1-CSD95492QVM Datasheet
774Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95495QVM TI1-CSD95495QVM Datasheet
774Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95491Q5MC TI1-CSD95491Q5MC Datasheet
765Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95482RWJ TI1-CSD95482RWJ Datasheet
270Kb / 12P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95378BQ5MC TI-CSD95378BQ5MC_15 Datasheet
802Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95472Q5MC TI1-CSD95472Q5MC_16 Datasheet
259Kb / 11P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95372BQ5M TI1-CSD95372BQ5M_16 Datasheet
796Kb / 13P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95480RWJ TI1-CSD95480RWJ Datasheet
816Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com