Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN79L07 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. AN79L07
Description  3-pin negative output voltage regulator (100 mA type)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN79L07 Datasheet(HTML) 1 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Voltage Regulators
1
Publication date: December 2001
SFF00006CEB
AN79Lxx/AN79LxxM Series
3-pin negative output voltage regulator (100 mA type)
I Overview
The AN79Lxx series and the AN79LxxM series are
3-pin, fixed negative output type monolithic voltage
regulators.
Stabilized fixed output voltage is obtained from un-
stable DC input voltage without using any external compo-
nents. 12 types of output voltage are available:
−4V, −5V,
−6V, −7V, −8V, −9V, −10V, −12V, −15V, −18V, −20V
and
−24V. They can be used widely in power circuits with
current capacity of up to 100mA.
I Features
• No external components
• Output voltage: −4V, −5V, −6V, −7V, −8V, −9V,−10V,
−12V, −15V, −18V, −20V, −24V
• Built-in overcurrent limit circuit
• Built-in thermal overload protection circuit
SSIP003-P-0000
AN79Lxx series
Unit: mm
HSIP003-P-0000B
AN79LxxM series
Unit: mm
5.0±0.2
4.0±0.2
2.3±0.2
0.6±0.15
0.43+0.1
–0.05
2.54
0.43+0.1
–0.05
21
3
1.6 max.
1.8 max.
4.6 max.
3.0
1.5
1.5
32
1
0.48 max.
0.58 max.
0.44 max.
I Block Diagram (AN79Lxx series)
2
1
3
Common
(1)
Output
(3)
Input
(2)
Starter
Voltage
Reference
Error Amp.
+
R1
Q1
Pass Tr.
RSC
Current
Limiter
Thermal
Protection
R2
Note) The number in ( ) shows the pin number for the AN79LxxM series.
1 : Common
2 : Input
3 : Output
1 : Output
2 : Common
3 : Intput
Note) The packages (SSIP003-P-0000 and HSIP003-
P-0000B) of this product will be changed to
lead-free type (SSIP003-P-0000S and
HSIP003-P-0000Q). See the new package di-
mensions section later of this datasheet.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn