Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN79L07 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part No. AN79L07
Description  3-pin negative output voltage regulator (100 mA type)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN79L07 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AN79Lxx/AN79LxxM Series
7
SFF00006CEB
I Electrical Characteristics at Ta = 25°C (continued)
• AN79L18 (−18V type)
• AN79L20 (−20V type)
VO
V
Tj
= 25°C
VO
V
VI
= −21 to −33V, IO = 1 to 70mA
REGIN
mV
VI
= −21 to −33V, Tj = 25°C
mV
REGL
mV
IO
= 1 to 100mA, Tj = 25°C
mV
IO
= 1 to 40mA, Tj = 25°C
VI
= −21 to −32V, Tj = 25°C
mA
Tj
= 25°C
IBias
mA
VI
= −21 to −33V, Tj = 25°C
∆IBias(IN)
mA
∆IBias(L)
µV
IO
= 1 to 40mA, Tj = 25°C
Vno
dB
f
= 10Hz to 100kHz, Ta = 25°C
5
RR
VI
= −22 to −32V, f = 120Hz, Ta = 25°C
V
Tj
= 25°C
VDIF(min)
mA
IO(Short)
mV/
°C
VI
= −35V, Tj = 25°C
∆VO/Ta
IO
= 5mA
−18.7
−18
200
30
3
110
0.5
0.1
100
−18.9
160
80
50
−17.3
−17.1
0.8
200
−1
15
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= −27V, IO = 40mA, CI = 2µF, CO = 1µF, Tj = 0 to 125°C
Bias current
Bias current fluctuation to input
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short-circuit current
Output voltage temperature coefficient
Unit
VO
V
Tj
= 25°C
VO
V
VI
= −23 to −35V, IO = 1 to 70mA
REGIN
mV
VI
= −23 to −35V, Tj = 25°C
mV
REGL
mV
IO
= 1 to 100mA, Tj = 25°C
mV
IO
= 1 to 40mA, Tj = 25°C
VI
= −24 to −34V, Tj = 25°C
mA
Tj
= 25°C
IBias
mA
VI
= −23 to −35V, Tj = 25°C
∆IBias(IN)
mA
∆IBias(L)
µV
IO
= 1 to 40mA, Tj = 25°C
Vno
dB
f
= 10Hz to 100kHz, Ta = 25°C
RR
VI
= −24 to −34V, f = 120Hz, Ta = 25°C
V
Tj
= 25°C
VDIF(min)
mA
IO(Short)
mV/
°C
VI
= −35V, Tj = 25°C
∆VO/Ta
IO
= 5mA
−20.8
−20
200
35
3
135
0.5
0.1
100
−21
180
90
5
49
−19.2
−19
0.8
200
−1
17
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= −29V, IO = 40mA, CI = 2µF, CO = 1µF, Tj = 0 to 125°C
Bias current
Bias current fluctuation to input
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short-circuit current
Output voltage temperature coefficient
Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn