Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN79L07 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part No. AN79L07
Description  3-pin negative output voltage regulator (100 mA type)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN79L07 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AN79Lxx/AN79LxxM Series
6
SFF00006CEB
I Electrical Characteristics at Ta = 25°C (continued)
• AN79L12, AN79L12M (−12V type)
• AN79L15, AN79L15M (−15V type)
VO
V
Tj
= 25°C
VO
V
VI
= −18 to −28V, IO = 1 to 70mA
REGIN
mV
VI
= −17.5 to −33V, Tj = 25°C
mV
REGL
mV
IO
= 1 to 100mA, Tj = 25°C
mV
IO
= 1 to 40mA, Tj = 25°C
VI
= −18 to −28V, Tj = 25°C
mA
Tj
= 25°C
IBias
mA
VI
= −18 to −30V, Tj = 25°C
∆IBias(IN)
mA
∆IBias(L)
µV
IO
= 1 to 40mA, Tj = 25°C
Vno
dB
f
= 10Hz to 100kHz, Ta = 25°C
RR
VI
= −18 to −28V, f = 120Hz, Ta = 25°C
V
Tj
= 25°C
VDIF(min)
mA
IO(Short)
mV/
°C
VI
= −35V, Tj = 25°C
∆VO/Ta
IO
= 5mA
−15.6
−15
200
25
3
90
0.5
0.1
100
−15.75
130
60
5
51
−14.4
−14.25
0.8
200
− 0.9
12
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= −23V, IO = 40mA, CI = 2µF, CO = 1µF, Tj = 0 to 125°C (AN79L15) and Tj = 0 to 100°C
(AN79L15M)
Bias current
Bias current fluctuation to input
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short-circuit current
Output voltage temperature coefficient
Unit
VO
V
Tj
= 25°C
VO
V
VI
= −15 to −27V, IO = 1 to 70mA
REGIN
mV
VI
= −14.5 to −30V, Tj = 25°C
mV
REGL
mV
IO
= 1 to 100mA, Tj = 25°C
mV
IO
= 1 to 40mA, Tj = 25°C
VI
= −15 to −25V, Tj = 25°C
mA
Tj
= 25°C
IBias
mA
VI
= −15 to −27V, Tj = 25°C
∆IBias(IN)
mA
∆IBias(L)
µV
IO
= 1 to 40mA, Tj = 25°C
Vno
dB
f
= 10Hz to 100kHz, Ta = 25°C
RR
VI
= −15 to −25V, f = 120Hz, Ta = 25°C
V
Tj
= 25°C
VDIF(min)
mA
IO(Short)
mV/
°C
VI
= −35V, Tj = 25°C
∆VO/Ta
IO
= 5mA
−12.5
−12
200
20
3
75
0.5
0.1
100
−12.6
100
50
5
52
−11.5
−11.4
0.8
200
− 0.8
10
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= −19V, IO = 40mA, CI = 2µF, CO = 1µF, Tj = 0 to 125°C (AN79L12) and Tj = 0 to 100°C
(AN79L12M)
Bias current
Bias current fluctuation to input
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short-circuit current
Output voltage temperature coefficient
Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn