Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN79L07 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part No. AN79L07
Description  3-pin negative output voltage regulator (100 mA type)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN79L07 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN79L07 Datasheet HTML 1Page - Panasonic Semiconductor AN79L07 Datasheet HTML 2Page - Panasonic Semiconductor AN79L07 Datasheet HTML 3Page - Panasonic Semiconductor AN79L07 Datasheet HTML 4Page - Panasonic Semiconductor AN79L07 Datasheet HTML 5Page - Panasonic Semiconductor AN79L07 Datasheet HTML 6Page - Panasonic Semiconductor AN79L07 Datasheet HTML 7Page - Panasonic Semiconductor AN79L07 Datasheet HTML 8Page - Panasonic Semiconductor AN79L07 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AN79Lxx/AN79LxxM Series
5
SFF00006CEB
I Electrical Characteristics at Ta = 25°C (continued)
• AN79L09, AN79L09M (−9V type)
• AN79L10 (−10V type)
VO
V
Tj
= 25°C
VO
V
VI
= −13 to −25V, IO = 1 to 70mA
REGIN
mV
VI
= −12 to −26V, Tj = 25°C
mV
REGL
mV
IO
= 1 to 100mA, Tj = 25°C
mV
IO
= 1 to 40mA, Tj = 25°C
VI
= −13 to −23V, Tj = 25°C
mA
Tj
= 25°C
IBias
mA
VI
= −13 to −25V, Tj = 25°C
∆IBias(IN)
mA
∆IBias(L)
µV
IO
= 1 to 40mA, Tj = 25°C
Vno
dB
f
= 10Hz to 100kHz, Ta = 25°C
RR
VI
= −13 to −23V, f = 120Hz, Ta = 25°C
V
Tj
= 25°C
VDIF(min)
mA
IO(Short)
mV/
°C
VI
= −35V, Tj = 25°C
∆VO/Ta
IO
= 5mA
−10.4
−10
160
17
3
65
0.5
0.1
80
−10.5
100
50
5
53
−9.6
−9.5
0.8
200
− 0.7
9
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= −16V, IO = 40mA, CI = 2µF, CO = 1µF, Tj = 0 to 125°C
Bias current
Bias current fluctuation to input
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short-circuit current
Output voltage temperature coefficient
Unit
VO
V
Tj
= 25°C
VO
V
VI
= −12 to −24V, IO = 1 to 70mA
REGIN
mV
VI
= −11 to −25V, Tj = 25°C
mV
REGL
mV
IO
= 1 to 100mA, Tj = 25°C
mV
IO
= 1 to 40mA, Tj = 25°C
VI
= −12 to −22V, Tj = 25°C
mA
Tj
= 25°C
IBias
mA
VI
= −12 to −24V, Tj = 25°C
∆IBias(IN)
mA
∆IBias(L)
µV
IO
= 1 to 40mA, Tj = 25°C
Vno
dB
f
= 10Hz to 100kHz, Ta = 25°C
RR
VI
= −12 to −22V, f = 120Hz, Ta = 25°C
V
Tj
= 25°C
VDIF(min)
mA
IO(Short)
mV/
°C
VI
= −35V, Tj = 25°C
∆VO/Ta
IO
= 5mA, Tj = 0 to 125°C
−9.36
−9
160
16
3
58
0.5
0.1
80
−9.45
90
50
5
53
−8.64
−8.55
0.8
200
− 0.6
8
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= −15V, IO = 40mA, CI = 2µF, CO = 1µF, Tj = 0 to 125°C (AN79L09) and Tj = 0 to 100°C
(AN79L09M)
Bias current
Bias current fluctuation to input
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short-circuit current
Output voltage temperature coefficient
Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AN78LXX 3-pin positive output voltage regulator 100 mA type 1  2  3  4  5  More Panasonic Semiconductor
AN79L00 3-pin Negative Output Voltage Regulator 100mA Type 1  2  3  4  5  More Panasonic Semiconductor
AN79N00 3-pin Negative Output Voltage Regulator 300mA Type 1  2  3  4  5  More Panasonic Semiconductor
AN7805NSP 3-pin positive output voltage regulator 1 A type 1  2  3  4  5  More Panasonic Semiconductor
AN7800 3-pin Positive Output Voltage Regulator 1A Type 1  2  3  4  5  More Panasonic Semiconductor
AN78L00 3-pin Positive Output Voltage Regulator 100mA Type 1  2  3  4  5  More Panasonic Semiconductor
AN78N00 3-pin Positive Output Voltage Regulator 300mA Type 1  2  3  4  5  More Panasonic Semiconductor
AN7900T 3-pin Negative Output Voltage Regulators 1A Type 1  2  3  4  5  More Panasonic Semiconductor
AN7805F 3-pin positive output voltage regulator 1 A type 1  2  3  4  5  More Panasonic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn