Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN79L07 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part No. AN79L07
Description  3-pin negative output voltage regulator (100 mA type)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN79L07 Datasheet(HTML) 4 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AN79Lxx/AN79LxxM Series
4
SFF00006CEB
I Electrical Characteristics at Ta = 25°C (continued)
• AN79L07 (−7V type)
• AN79L08, AN79L08M (−8V type)
VO
V
Tj
= 25°C
VO
V
VI
= −11 to −23V, IO = 1 to 70mA
REGIN
mV
VI
= −10 to −24V, Tj = 25°C
mV
REGL
mV
IO
= 1 to 100mA, Tj = 25°C
mV
IO
= 1 to 40mA, Tj = 25°C
VI
= −11 to −21V, Tj = 25°C
mA
Tj
= 25°C
IBias
mA
VI
= −11 to −23V, Tj = 25°C
∆IBias(IN)
mA
∆IBias(L)
µV
IO
= 1 to 40mA, Tj = 25°C
Vno
dB
f
= 10Hz to 100kHz, Ta = 25°C
RR
VI
= −11 to −21V, f = 120Hz, Ta = 25°C
V
Tj
= 25°C
VDIF(min)
mA
IO(Short)
mV/
°C
VI
= −35V, Tj = 25°C
∆VO/Ta
IO
= 5mA, Tj = 0 to 125°C
−8.32
−8
160
15
3
52
0.5
0.1
80
−8.4
80
40
5
54
−7.68
−7.6
0.8
200
− 0.6
7
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= −14V, IO = 40mA, CI = 2µF, CO = 1µF, Tj = 0 to 125°C (AN79L08) and Tj = 0 to 100°C
(AN79L08M)
Bias current
Bias current fluctuation to input
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short-circuit current
Output voltage temperature coefficient
Unit
VO
V
Tj
= 25°C
VO
V
VI
= −10 to −22V, IO = 1 to 70mA
REGIN
mV
VI
= −9 to −23V, Tj = 25°C
mV
REGL
mV
IO
= 1 to 100mA, Tj = 25°C
mV
IO
= 1 to 40mA, Tj = 25°C
VI
= −10 to −20V, Tj = 25°C
mA
Tj
= 25°C
IBias
mA
VI
= −10 to −22V, Tj = 25°C
∆IBias(IN)
mA
∆IBias(L)
µV
IO
= 1 to 40mA, Tj = 25°C
Vno
dB
f
= 10Hz to 100kHz, Ta = 25°C
RR
VI
= −10 to −20V, f = 120Hz, Ta = 25°C
V
Tj
= 25°C
VDIF(min)
mA
IO(Short)
mV/
°C
VI
= −35V, Tj = 25°C
∆VO/Ta
IO
= 5mA
−7.28
−7
140
13
3
48
0.5
0.1
70
−7.35
70
40
5
54
−6.72
−6.65
0.8
200
− 0.5
6
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= −12V, IO = 40mA, CI = 2µF, CO = 1µF, Tj = 0 to 125°C
Bias current
Bias current fluctuation to input
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short-circuit current
Output voltage temperature coefficient
Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn