Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC32RF82 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF82
Description  Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF82 Datasheet(HTML) 56 Page - Texas Instruments

Back Button ADC32RF82 Datasheet HTML 52Page - Texas Instruments ADC32RF82 Datasheet HTML 53Page - Texas Instruments ADC32RF82 Datasheet HTML 54Page - Texas Instruments ADC32RF82 Datasheet HTML 55Page - Texas Instruments ADC32RF82 Datasheet HTML 56Page - Texas Instruments ADC32RF82 Datasheet HTML 57Page - Texas Instruments ADC32RF82 Datasheet HTML 58Page - Texas Instruments ADC32RF82 Datasheet HTML 59Page - Texas Instruments ADC32RF82 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 151 page
background image
56
ADC32RF82
SBAS869 – SEPTEMBER 2017
www.ti.com
Product Folder Links: ADC32RF82
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.4.2.4 JESD204B Frame Assembly with Decimation (Single-Band DDC): Real Output
Table 16 lists the available JESD204B formats and valid ranges for the ADC32RF82 with decimation (single-
band DDC) when using real output format. The ranges are limited by the SerDes line rate and the maximum
ADC sample frequency. Table 17 shows the sample alignment on the different lanes.
Table 16. JESD Mode Options: Single-Band Real Output (Wide Bandwidth)
DECIMATION
SETTING
(Complex)
NUMBER OF
ACTIVE DDCS
L
M
F
S
PLL
MODE
JESD
MODE0
JESD
MODE1
JESD
MODE2
RATIO
[fSerDes / fCLK
(Gbps / GSPS)]
Divide-by-4
(Divide-by-2 real)
1 per channel
8
2
2
4
20x
1
0
0
2.5
4
2
4
4
40x
2
0
0
5
4
2
1
1
40x
0
0
1
Divide-by-6
(Divide-by-3 real)
1 per channel
8
2
2
4
20x
1
0
0
1.67
4
2
4
4
40x
2
0
0
3.33
4
2
1
1
40x
0
0
1
Table 17. JESD Sample Lane Alignment: Single-Band Real Output (Wide Bandwidth)
OUTPUT
LANE
LMFS = 8224
LMFS = 4244
LMFS = 4211
DA0
A0[15:8]
A0[7:0]
DA1
A1[15:8]
A1[7:0]
A0[15:8]
A0[7:0]
A1[15:8]
A1[7:0]
A0[15:8]
DA2
A2[15:8]
A2[7:0]
A2[15:8]
A2[7:0]
A3[15:8]
A3[7:0]
A0[7:0]
DA3
A3[15:8]
A3[7:0]
DB0
B0[15:8]
B0[7:0]
DB1
B1[15:8]
B1[7:0]
B0[15:8]
B0[7:0]
B1[15:8]
B1[7:0]
B0[15:8]
DB2
B2[15:8]
B2[7:0]
B0[15:8]
B2[7:0]
B3[15:8]
B3[7:0]
B0[7:0]
DB3
B3[15:8]
B3[7:0]


Similar Part No. - ADC32RF82

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC32RF80 TI1-ADC32RF80 Datasheet
434Kb / 8P
[Old version datasheet]   ADC32RF80 Dual-Channel
ADC32RF80 TI1-ADC32RF80 Datasheet
8Mb / 136P
[Old version datasheet]   Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC32RF80 TI-ADC32RF80 Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC32RF80IRMPR TI1-ADC32RF80IRMPR Datasheet
434Kb / 8P
[Old version datasheet]   ADC32RF80 Dual-Channel
ADC32RF80IRMPR TI1-ADC32RF80IRMPR Datasheet
8Mb / 136P
[Old version datasheet]   Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
More results

Similar Description - ADC32RF82

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC31RF80 TI1-ADC31RF80 Datasheet
8Mb / 136P
[Old version datasheet]   3-GSPS Telecom Receiver and Feedback Device
ADC32RF80 TI1-ADC32RF80_16 Datasheet
8Mb / 136P
[Old version datasheet]   Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC32RF80 TI-ADC32RF80_V01 Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADS58J63 TI1-ADS58J63 Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS62PF49 TI1-ADS62PF49 Datasheet
581Kb / 8P
[Old version datasheet]   Dual-Channel, 250-MSPS Feedback Receiver IC
ADS58J63 TI-ADS58J63_15 Datasheet
5Mb / 87P
[Old version datasheet]   ADS58J63 Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS54T02 TI-ADS54T02 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02_15 Datasheet
1Mb / 49P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS58H40 TI1-ADS58H40_14 Datasheet
2Mb / 60P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS58H40 TI-ADS58H40_15 Datasheet
2Mb / 59P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com