Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A80960JD Datasheet(PDF) 11 Page - Intel Corporation

Part # A80960JD
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

A80960JD Datasheet(HTML) 11 Page - Intel Corporation

Back Button A80960JD Datasheet HTML 7Page - Intel Corporation A80960JD Datasheet HTML 8Page - Intel Corporation A80960JD Datasheet HTML 9Page - Intel Corporation A80960JD Datasheet HTML 10Page - Intel Corporation A80960JD Datasheet HTML 11Page - Intel Corporation A80960JD Datasheet HTML 12Page - Intel Corporation A80960JD Datasheet HTML 13Page - Intel Corporation A80960JD Datasheet HTML 14Page - Intel Corporation A80960JD Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
80960JD
PRODUCT PREVIEW
5
Table 1. 80960Jx Instruction Set
Data Movement
Arithmetic
Logical
Bit, Bit Field and Byte
Load
Store
Move
*Conditional Select
Load Address
Add
Subtract
Multiply
Divide
Remainder
Modulo
Shift
Extended Shift
Extended Multiply
Extended Divide
Add with Carry
Subtract with Carry
*Conditional Add
*Conditional Subtract
Rotate
And
Not And
And Not
Or
Exclusive Or
Not Or
Or Not
Nor
Exclusive Nor
Not
Nand
Set Bit
Clear Bit
Not Bit
Alter Bit
Scan For Bit
Span Over Bit
Extract
Modify
Scan Byte for Equal
*Byte Swap
Comparison
Branch
Call/Return
Fault
Compare
Conditional Compare
Compare and
Increment
Compare and
Decrement
Test Condition Code
Check Bit
Unconditional Branch
Conditional Branch
Compare and Branch
Call
Call Extended
Call System
Return
Branch and Link
Conditional Fault
Synchronize Faults
Debug
Processor
Management
Atomic
Modify Trace Controls
Mark
Force Mark
Flush Local Registers
Modify Arithmetic
Controls
Modify Process
Controls
*Halt
System Control
*Cache Control
*Interrupt Control
Atomic Add
Atomic Modify
NOTES:
Asterisk (*) denotes new 80960Jx instructions unavailable on 80960CA/CF, 80960KA/KB and 80960SA/SB
implementations.


Similar Part No. - A80960JD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
A80960JD-33 INTEL-A80960JD-33 Datasheet
1Mb / 78P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960JD-40 INTEL-A80960JD-40 Datasheet
1Mb / 78P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960JD-50 INTEL-A80960JD-50 Datasheet
1Mb / 78P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960JD-66 INTEL-A80960JD-66 Datasheet
1Mb / 78P
   EMBEDDED 32-BIT MICROPROCESSOR
More results

Similar Description - A80960JD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960JA INTEL-80960JA Datasheet
825Kb / 77P
   3.3 V EMBEDDED 32-BIT MICROPROCESSOR
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
80960JA INTEL-80960JA Datasheet
1Mb / 63P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960JF-33 INTEL-A80960JF-33 Datasheet
1Mb / 78P
   EMBEDDED 32-BIT MICROPROCESSOR
80960KA INTEL-80960KA Datasheet
861Kb / 43P
   EMBEDDED 32-BIT MICROPROCESSOR
273159-006 INTEL-273159-006 Datasheet
4Mb / 86P
   80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
NG80960JS25 INTEL-NG80960JS25 Datasheet
4Mb / 86P
   80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
logo
Advanced Micro Devices
A80486DX4 AMD-A80486DX4 Datasheet
1Mb / 25P
   High-performance, clock-selectable, 3.3 V, 32-Bit microprocessor
logo
Integrated Device Techn...
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
   RISController Embedded 32-bit Microprocessor, based on RISCore32300
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com