Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7734BRU Datasheet(PDF) 8 Page - Analog Devices

Part # AD7734BRU
Description  4-Channel, -10 V Input Range, High Throughput, 24-Bit sigma ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7734BRU Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7734BRU Datasheet HTML 4Page - Analog Devices AD7734BRU Datasheet HTML 5Page - Analog Devices AD7734BRU Datasheet HTML 6Page - Analog Devices AD7734BRU Datasheet HTML 7Page - Analog Devices AD7734BRU Datasheet HTML 8Page - Analog Devices AD7734BRU Datasheet HTML 9Page - Analog Devices AD7734BRU Datasheet HTML 10Page - Analog Devices AD7734BRU Datasheet HTML 11Page - Analog Devices AD7734BRU Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD7734
ABSOLUTE MAXIMUM RATINGS
Table 3. TA = 25°C, unless otherwise noted.
Parameter
Rating
AVDD to AGND, DVDD to DGND
–0.3 V to +7 V
AGND to DGND
–0.3 V to +0.3 V
AVDD to DVDD
–5 V to +5 V
AIN to AGND
–50 V to +50 V
BIAS to AGND
–0.3 V to AVDD + 0.3 V
REFIN+, REFIN– to AGND
–0.3 V to AVDD + 0.3 V
MUX0, INTBIAS to AGND
–0.3 V to AVDD + 0.3 V
P0, P1 Voltage to AGND
–0.3 V to AVDD + 0.3 V
P0, P1 Current (TMAX = 70°C)
8 mA
P0, P1 Current (TMAX = 85°C)
5 mA
P0, P1 Current (TMAX = 105°C)
2.5 mA
Digital Input Voltage to DGND
–0.3 V to DVDD + 0.3 V
Digital Output Voltage to DGND
–0.3 V to DVDD + 0.3 V
Operating Temperature Range
–40°C to +105°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
TSSOP Package, Power Dissipation
660 mW
θ
JA
Thermal Impedance
97.9°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Rev. 0 | Page 8 of 32


Similar Part No. - AD7734BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7734BRU AD-AD7734BRU Datasheet
738Kb / 32P
   4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7734BRU AD-AD7734BRU Datasheet
700Kb / 33P
   4-Channel 10 V Input Range, High Throughput, 24-Bit Sigma-Delta ADC
AD7734BRUZ AD-AD7734BRUZ Datasheet
738Kb / 32P
   4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7734BRUZ AD-AD7734BRUZ Datasheet
700Kb / 33P
   4-Channel 10 V Input Range, High Throughput, 24-Bit Sigma-Delta ADC
AD7734BRUZ-REEL AD-AD7734BRUZ-REEL Datasheet
738Kb / 32P
   4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
More results

Similar Description - AD7734BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7734 AD-AD7734_17 Datasheet
700Kb / 33P
   4-Channel 10 V Input Range, High Throughput, 24-Bit Sigma-Delta ADC
AD7732 AD-AD7732 Datasheet
1Mb / 32P
   2-Channel, -10 V Input Range, High Throughput, 24-Bit SIGMA- ADC
REV. 0
AD7734BRUZ AD-AD7734BRUZ Datasheet
738Kb / 32P
   4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7734 AD-AD7734_15 Datasheet
738Kb / 32P
   4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7732 AD-AD7732_15 Datasheet
417Kb / 32P
   2-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7739 AD-AD7739_15 Datasheet
540Kb / 32P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7732BRUZ AD-AD7732BRUZ Datasheet
417Kb / 32P
   2-Channel, 짹10 V Input Range, High Throughput, 24-Bit 誇-? ADC
REV. A
AD7739 AD-AD7739_17 Datasheet
604Kb / 33P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
AD7739 AD-AD7739 Datasheet
380Kb / 32P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. 0
AD7739BRUZ AD-AD7739BRUZ Datasheet
540Kb / 32P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com