Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSQ73N10SG Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SSQ73N10SG
Description  N-Ch Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSQ73N10SG Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SSQ73N10SG Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSQ73N10SG Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSQ73N10SG Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSQ73N10SG Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Elektronische Bauelemente
SSQ73 10SG
73A, 100V, RDS(O ) 11m
-Ch Enhancement Mode Power MOSFET
29-Jun-2017 Rev. A
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
TYPICAL CHARACTERISTICS CURVE


Similar Part No. - SSQ73N10SG

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SSQ7 BEL-SSQ7 Datasheet
83Kb / 2P
   Square Ceramic Surface Mount Quick Acting Fuse
SSQ7 BEL-SSQ7 Datasheet
435Kb / 2P
   SQUARE CERAMIC SURFACE MONUT QUICK ACTING FUSE
SSQ7 BEL-SSQ7 Datasheet
649Kb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
SSQ750 BEL-SSQ750 Datasheet
83Kb / 2P
   Square Ceramic Surface Mount Quick Acting Fuse
SSQ750 BEL-SSQ750 Datasheet
435Kb / 2P
   SQUARE CERAMIC SURFACE MONUT QUICK ACTING FUSE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com