Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSQ63N60SG Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSQ63N60SG
Description  N-Ch Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSQ63N60SG Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSQ63N60SG Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSQ63N60SG Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSQ63N60SG Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSQ63N60SG Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSQ63 60SG
63A, 60V, RDS(O ) 9m
-Ch Enhancement Mode Power MOSFET
29-Jun-2017 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
TO-220
63N60SG
RoHS Compliant Product
A suffix of “-C” specifies halogen free
DESCRIPTION
The SSQ63N60SG is the highest performance trench
N-ch MOSFETs with extreme high cell density , which
provide excellent RDS(ON) and gate charge for most of the
synchronous buck converter applications.
The SSQ63N60SG meet the RoHS and Green Product with
Function reliability approved.
FEATURES
RDS(on)≦9m
@VGS=10V
RDS(on)≦13m
@VGS=4.5V
High speed power switching, Logic Level
Enhanced Body diode dv/dt capability
Enhanced Avalanche Ruggedness
100% UIS Tested, 100% Rg Tested
TO-220 Package
MARKING
ABSOLUTE MAXIMUM RATINGS (T
J=25
°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
TC=25°C
63
Continuous Drain Current (Silicon Limited)
TC=100°C
45
Continuous Drain Current (Package Limited)
TC=25°C
ID
60
A
Pulsed Drain Current
IDM
270
A
Avalanche Energy, Single Pulse, @L=0.4mH
TC=25°C
EAS
20
mJ
Power Dissipation
TC=25°C
PD
79
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 ~ 175
°C
Thermal Resistance Ratings
Maximum Thermal Resistance Junction-Ambient
RθJA
65
Maximum Thermal Resistance Junction-Case
RθJC
1.9
°C / W
1
Gate
3
Source
2
Drain
Date Code
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
9.96
10.36
H
2.54 BSC.
B
14.7
16
I
2.04
2.92
C
2.74 BSC.
J
3.745 REF.
D
12.7
14.73
K
0.356
0.5
E
1.15
1.82
L
5.85
6.85
F
0.39
1.01
M
0.51
1.39
G
3.56
4.82


Similar Part No. - SSQ63N60SG

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SSQ6.3 BEL-SSQ6.3 Datasheet
83Kb / 2P
   Square Ceramic Surface Mount Quick Acting Fuse
SSQ6.3 BEL-SSQ6.3 Datasheet
435Kb / 2P
   SQUARE CERAMIC SURFACE MONUT QUICK ACTING FUSE
SSQ6.3 BEL-SSQ6.3 Datasheet
649Kb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
logo
SeCoS Halbleitertechnol...
SSQ640J SECOS-SSQ640J Datasheet
267Kb / 3P
   N-Channel Enhancement Mode Power MOSFET
SSQ6N60 SECOS-SSQ6N60 Datasheet
483Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSQ63N60SG

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD30N15 SECOS-SSD30N15_15 Datasheet
445Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD40N04 SECOS-SSD40N04_15 Datasheet
386Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD50N10 SECOS-SSD50N10_15 Datasheet
574Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD60N04 SECOS-SSD60N04_15 Datasheet
151Kb / 2P
   N-Ch Enhancement Mode Power MOSFET
SSPS922NE SECOS-SSPS922NE_15 Datasheet
538Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com