Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-Z14DT Datasheet(PDF) 1 Page - Rohm

Part # SML-Z14DT
Description  High brightness
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-Z14DT Datasheet(HTML) 1 Page - Rohm

  SML-Z14DT Datasheet HTML 1Page - Rohm SML-Z14DT Datasheet HTML 2Page - Rohm SML-Z14DT Datasheet HTML 3Page - Rohm SML-Z14DT Datasheet HTML 4Page - Rohm SML-Z14DT Datasheet HTML 5Page - Rohm SML-Z14DT Datasheet HTML 6Page - Rohm SML-Z14DT Datasheet HTML 7Page - Rohm SML-Z14DT Datasheet HTML 8Page - Rohm SML-Z14DT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SML-Z14x(C) Series
    
Data Sheet
■Features
■Outline
• High brightness
• PLCC2 package
• AEC-Q101 Qualified
■Size
■Dimensions
■Recommended Solder Pattern
■Specifications
Typ.
IF
Max.
VR
Min.*2
Typ. Max.*2
IF
Min.
Typ.
IF
(V)
(mA)
(µA)
(V)
(nm)
(nm)
(nm)
(mA) (mcd) (mcd) (mA)
625
630
635
56
112
615
620
625
112
224
602
605
608
586
589
592
568
571
574
45
90
561.5
564 566.5
22.4
45
557
560
563
11.2 22.4
3.4
519
528
536
710 1100
3.3
464
470
476
140
280
Absolute Maximum Ratings (Ta=25ºC)
Electrical and Optical Characteristics (Ta=25ºC)
Storage Temp.
Forward Voltage VF
20
20
20
10
Dominant Wavelength
λ
D
IFP(mA) VR(V)
Current Current Voltage
PD(mW) IF(mA)
Part No.
Dissipation
Topr(ºC)
Tstg(ºC)
Reverse
Chip Structure
Operating Temp.
Luminous Intensity IV
Reverse Current IR
280
Yellow
12
Green
120
Emitting
Color
140
5
-40
+100 -40
+100
168
1.9
5
Power Forward Peak Forward
Orange
175
2.0
InGaN
*1 : 1/10,1kHz *2 : Measurement tolerance:±1nm
114
30
100*
1
Red
Blue
70
200*
1
12
SMLZ14EGT(C)
SMLZ14BGT(C)
SML-Z14VT(C)
SML-Z14UT(C)
SML-Z14DT(C)
SML-Z14YT(C)
SML-Z14MT(C)
SML-Z14FT(C)
SML-Z14PT(C)
Yellowish Green
Green
AlGaInP
Tolerance : ±0.2
(unit : mm)
(unit : mm)
3528 (1411)
3.5
×
2.8mm (t=1.9mm)
Color
Type
V
U
D
Y
F
P
E
B
M
2 . 8
2 . 2
1 . 9
φ 2 . 4
Ca th od e
in d ex
± 0 .1 5
2.6
1.5
1.5
1.5
PCB Bonding Direction
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
1/10
2017.7 - Rev.005


Similar Part No. - SML-Z14DT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-Z14DT ROHM-SML-Z14DT Datasheet
1Mb / 5P
   High brightness
SML-Z14DT ROHM-SML-Z14DT Datasheet
1Mb / 5P
   High brightness
SML-Z14DT ROHM-SML-Z14DT Datasheet
1Mb / 5P
   High brightness 20/50mA guaranteed specifications PLCC2 package
SML-Z14DT1P ROHM-SML-Z14DT1P Datasheet
1Mb / 5P
   High brightness
SML-Z14DTA ROHM-SML-Z14DTA Datasheet
730Kb / 11P
   20/50mA guaranteed specifications
More results

Similar Description - SML-Z14DT

ManufacturerPart #DatasheetDescription
logo
Rohm
SLI-343V8RC3F ROHM-SLI-343V8RC3F Datasheet
145Kb / 4P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HSMM-C110 AVAGO-HSMM-C110 Datasheet
206Kb / 9P
   High brightness
logo
Rohm
SML-Z1 ROHM-SML-Z1_11 Datasheet
1Mb / 5P
   High brightness
SML-Z1 ROHM-SML-Z1 Datasheet
1Mb / 5P
   High brightness
logo
Vishay Siliconix
TLVD42 VISHAY-TLVD42 Datasheet
142Kb / 5P
   High brightness
Rev. 1.4, 14-Oct-14
logo
Roithner LaserTechnik G...
RLCD-M63H-350 ROITHNER-RLCD-M63H-350 Datasheet
411Kb / 3P
   high brightness
RLCD-M66H-2W3W ROITHNER-RLCD-M66H-2W3W Datasheet
367Kb / 3P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AM70 AVAGO-HLMP-AM70 Datasheet
273Kb / 10P
   High brightness material
logo
Rohm
SML-51 ROHM-SML-51 Datasheet
134Kb / 3P
   High Brightness Type
logo
STANLEY ELECTRIC CO.,LT...
EFR5365S STANLEY-EFR5365S Datasheet
271Kb / 1P
   HIGH BRIGHTNESS COLOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com