Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWS-8500 Datasheet(PDF) 1 Page - AAEON Technology

Part # FWS-8500
Description  PCI-Express Host Interface
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

FWS-8500 Datasheet(HTML) 1 Page - AAEON Technology

  FWS-8500 Datasheet HTML 1Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14
14-39
14-40
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.
www.aaeon.com
Features
Features
Specifications
Specifications
Ordering Information
NIM-S13D-A10-G40-0002
Intel® 82580EB PCI-Express 1G SFP 4 Ports Module for FWS-7820/7821
NIM-S13D-A10-G40-0001
Intel® 82580EB PCI-Express 1G SFP 4 Ports Module for FWS-7520
NIM-S13D-A10-G40-0003
LAN Module, Intel® 82580EB, 4 x 1GbE SFP, FWS-7810/7811, Rev. A.1.0
NIM-S13C
NIM-S13D
PCI-Express Host Interface
PCI-Express Host Interface
FWS-8500
Network Appliance, Intel® Coleto Creek 8925, 8 NIM Slots, 2U, 650W Redundant
Network Appliance Options
Network Appliance Options
Main Specification
Form Factor
1G Fiber Module
Main Chipset
Intel® 82580DB Ethernet Controller x 2
Bypass
Host Interface
PCI-Express [x8] (x4 + x4)
LAN Port
SFP 1GbE Connector x 4
Indicator
LED x 4 for Active/Link
Qualification
CE/FCC Class A
Operation Temp.
32°F ~ 104°F (0°C ~ 40°C)
Dimension
5.71" x 3.03" (145mm x 77mm)
Main Specification
Form Factor
1G Fiber Module
Main Chipset
Intel® 82580EB Ethernet Controller x 1
Bypass
Host Interface
PCI-Express [x4]
LAN Port
SFP 1GbE Connector x 4
Indicator
LED x 4 for Active/Link
Qualification
CE/FCC Class A
Operation Temp.
32°F ~ 104°F (0°C ~ 40°C)
Dimension
5.71" x 3.03" (145mm x 77mm)
Ordering Information
Intel® 82580DB PCI-Express 1G SFP 4 Ports Module
Intel® 82580EB PCI-Express 1G SFP 4 Ports Module
NIM-S13C-A10-G40-001
Intel® 82580DB PCI-Express 1G SFP 4 Ports Module
FWS-7811/7810
1U Rackmount Network Appliance, Intel® C236 with
4 Network Interface Modules
FWS-7520
1U Rackmount Network Appliance, lntel® Broadwell
DE with 3 of NIM appliance
FWS-7820
1U Rackmount Network Appliance,lntel® C236 with
3 Network lnterface Modules
PER-R40X
Riser Card for NIM FWS-7810/7811/7821


Similar Part No. - FWS-8500

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FWS-8500 AAEON-FWS-8500 Datasheet
327Kb / 2P
   650w redundant power
FWS-8500 AAEON-FWS-8500 Datasheet
117Kb / 1P
   supports two pairs bypass function
FWS-8500 AAEON-FWS-8500 Datasheet
120Kb / 1P
   pci-express host interfaces
FWS-8500S0-R65-A10-00 AAEON-FWS-8500S0-R65-A10-00 Datasheet
327Kb / 2P
   650w redundant power
More results

Similar Description - FWS-8500

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PER-C39L AAEON-PER-C39L Datasheet
212Kb / 1P
   PCI-Express Host Interface
NIM-C13B AAEON-NIM-C13B Datasheet
165Kb / 1P
   PCI-Express Host Interface
NIM-S26A AAEON-NIM-S26A Datasheet
120Kb / 1P
   pci-express host interfaces
NIM-S26C AAEON-NIM-S26C Datasheet
161Kb / 1P
   PCI-Express Host Interfaces
logo
Silicom Ltd.
S3A1U3L-A1 SILICOM-S3A1U3L-A1 Datasheet
366Kb / 3P
   1U PCI Express Gen3.0 Host Connector Interface Adapter
logo
Axiomtek Co., Ltd.
AX93330-POE4 AXIOMTEK-AX93330-POE4 Datasheet
130Kb / 1P
   PCI Express PoE Interface Cards
logo
Agere Systems
FW323061394 AGERE-FW323061394 Datasheet
1Mb / 92P
   PCI PHY/Link Open Host Controller Interface
FW322061394 AGERE-FW322061394 Datasheet
959Kb / 92P
   PCI PHY/Link Open Host Controller Interface
logo
Texas Instruments
TSB82AF15-EP TI-TSB82AF15-EP Datasheet
3Mb / 177P
[Old version datasheet]   TSB82AF15-EP PCI Express-Based IEEE 1394b OHCI Host Controller
logo
Silicom Ltd.
S3A2U3-A2 SILICOM-S3A2U3-A2 Datasheet
341Kb / 3P
   2U & 3U PCI Express x16 Gen 3.0 Host Connector to Two TWINAX Connectors Interface Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com