Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-M13DT Datasheet(PDF) 10 Page - Rohm

Part # SML-M13DT
Description  Compact LED with reflector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-M13DT Datasheet(HTML) 10 Page - Rohm

Back Button SML-M13DT Datasheet HTML 4Page - Rohm SML-M13DT Datasheet HTML 5Page - Rohm SML-M13DT Datasheet HTML 6Page - Rohm SML-M13DT Datasheet HTML 7Page - Rohm SML-M13DT Datasheet HTML 8Page - Rohm SML-M13DT Datasheet HTML 9Page - Rohm SML-M13DT Datasheet HTML 10Page - Rohm SML-M13DT Datasheet HTML 11Page - Rohm SML-M13DT Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
    
[Data Sheet]
[SML-M13x/MN2x series]
4-6.Reflow Profile
For reflow profile, please refer to the conditions below:(※)
■Meaning of marks, Conditions
Mark
Meanings
Conditions
Tsmax
Maximum of pre-heating temperature
180℃
Tsmin
Minimum of pre-heating temperature
140℃
ts
Time from Tsmin to Tsmax
Over 60sec.
Reference temperature
230〜250℃
tL
Retention time for TL Within 40sec.
TP
Peak temperature
250℃(Max)
ΔTD/Δt
Temperature decreasing rate
Over -3℃/sec.
TL
b)
Handling after
soldering
Please handle after the part temp.
goes down to room temp.
※Above conditions are for reference. Therefore, evaluate by customer’s own circuit boards and
reflow furnaces before using, because stress from circuit boards and temperature variations of reflow
4-7.Attention Points in Soldering Operation
This product was developed as a surface mount LED especially suitable for reflow soldering.
So reflow soldering is recommended. In case of implementing manual soldering,
please take care of following points.
①SOLDER USED
furnaces vary by customer’s own conditions.
Sn-Cu,Sn-Ag-Cu,Sn-Ag-Bi-Cu
②HAND SOLDERING CONDITION
LED products do not contain reinforcement material such as a glass fillers.
RECOMMENDED CONDITION
Condition ) Temp. of iron top less than
325℃ within 3 sec.
So thermal stress by soldering greatly influence its reliability.
Please keep following points for manual soldering.
ITEM
a)
Please follow the conditions below if the cleaning is necessary after soldering.
Ultrasonic Cleaning
15W/Below 1 liter (capacity of tank)
Drying
Under 100℃ within 3 minutes
Solvent
We recommend to use alcohols solvent such as, isopropyl alcohols
Temperature
Under 30℃ within 3 minutes
Heating method Heating on PCB pattern, not direct to the
LED. (Fig-1)
4-8.Cleaning after Soldering
tP
Time for peak temperature
Within 10sec.
ΔTR/Δt
Temperature rising rate
Under 3℃/sec.
Fig-1
SOLDERING IRON
SOLDERING LAND
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
10/10
2017.5 - Rev.005


Similar Part No. - SML-M13DT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-M13DT ROHM-SML-M13DT Datasheet
1Mb / 4P
   Compact LED with reflector
SML-M13DTT86P ROHM-SML-M13DTT86P Datasheet
1Mb / 4P
   Compact LED with reflector
SML-M13DTT87P ROHM-SML-M13DTT87P Datasheet
1Mb / 4P
   Compact LED with reflector
More results

Similar Description - SML-M13DT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-M1 ROHM-SML-M1 Datasheet
1Mb / 4P
   Compact LED with reflector
logo
Everlight Electronics C...
96-22SYGC EVERLIGHT-96-22SYGC Datasheet
114Kb / 6P
   High Performance with Reflector LED
logo
ams AG
LST67F.01 AMSCO-LST67F.01 Datasheet
1Mb / 22P
   SMT LED with integrated reflector.
Version 1.3 2023-07-24
LAT67F.01 AMSCO-LAT67F.01 Datasheet
1Mb / 22P
   SMT LED with integrated reflector.
Version 1.2 2023-07-20
LRT67F.01 AMSCO-LRT67F.01 Datasheet
1Mb / 21P
   SMT LED with integrated reflector.
Version 1.2 2023-07-25
logo
Roithner LaserTechnik G...
TOLATG004 ROITHNER-TOLATG004 Datasheet
229Kb / 2P
   Reflector LED
TOLATB004 ROITHNER-TOLATB004 Datasheet
344Kb / 2P
   Reflector LED
TOLATR002 ROITHNER-TOLATR002 Datasheet
233Kb / 2P
   Reflector LED
logo
Everlight Electronics C...
96-22UBC EVERLIGHT-96-22UBC Datasheet
96Kb / 6P
   High performance SMD LED with Reflector
96-22SUBC EVERLIGHT-96-22SUBC Datasheet
118Kb / 6P
   High performance SMD LED with Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com