Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-D12Y1W Datasheet(PDF) 4 Page - Rohm

Part # SML-D12Y1W
Description  IV rank reduction products
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-D12Y1W Datasheet(HTML) 4 Page - Rohm

  SML-D12Y1W Datasheet HTML 1Page - Rohm SML-D12Y1W Datasheet HTML 2Page - Rohm SML-D12Y1W Datasheet HTML 3Page - Rohm SML-D12Y1W Datasheet HTML 4Page - Rohm SML-D12Y1W Datasheet HTML 5Page - Rohm SML-D12Y1W Datasheet HTML 6Page - Rohm SML-D12Y1W Datasheet HTML 7Page - Rohm SML-D12Y1W Datasheet HTML 8Page - Rohm SML-D12Y1W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
    
[Data Sheet]
■Rank Reference of Brightness*
*Measurement tolerance:±10%
[SML-D12x1 series]
Red (V, U)
(Ta=25ºC, IF=20mA)
Rank
J
K
L
M
N
P
Q
R
S
Iv (mcd)
2.5〜4.0
4.0〜6.3
6.3〜10
10〜16
16〜25
25〜40
40〜63
63〜100
100〜160
SML-D12V1W
SML-D12U1W
Orange(D)
(Ta=25ºC, IF=20mA)
Rank
J
K
L
M
N
P
Q
R
S
Iv (mcd)
2.5〜4.0
4.0〜6.3
6.3〜10
10〜16
16〜25
25〜40
40〜63
63〜100
100〜160
SML-D12D1W
Yellow (Y)
(Ta=25ºC, IF=20mA)
Rank
J
K
L
M
N
P
Q
R
S
Iv (mcd)
2.5〜4.0
4.0〜6.3
6.3〜10
10〜16
16〜25
25〜40
40〜63
63〜100
100〜160
SML-D12Y1W
Yellowish Green(M)
(Ta=25ºC, IF=20mA)
Rank
J
K
L
M
N
P
Q
R
S
Iv (mcd)
2.5〜4.0
4.0〜6.3
6.3〜10
10〜16
16〜25
25〜40
40〜63
63〜100
100〜160
SML-D12M1W
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
4/9
2017.6 - Rev.004


Similar Part No. - SML-D12Y1W

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-D12Y3W ROHM-SML-D12Y3W Datasheet
555Kb / 11P
   Original device technology enables high brightness and high reliability
SML-D12Y8W ROHM-SML-D12Y8W Datasheet
112Kb / 3P
   Standard Type
SML-D12Y8W ROHM-SML-D12Y8W Datasheet
1Mb / 4P
   Original device technology enables high brightness and high reliability
SML-D12Y8W ROHM-SML-D12Y8W Datasheet
1Mb / 4P
   SML-D1 Series EXCELED
SML-D12Y8W ROHM-SML-D12Y8W Datasheet
112Kb / 3P
   0603<1.6 0.8 t=0.55mm> Standard Type
More results

Similar Description - SML-D12Y1W

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-342MGT32 ROHM-SLR-342MGT32 Datasheet
878Kb / 4P
   Rank Reference of Brightness
logo
Sony Corporation
CX20099 SONY-CX20099 Datasheet
377Kb / 16P
   NOISE REDUCTION
logo
Tyco Electronics
C-169481-1 MACOM-C-169481-1 Datasheet
37Kb / 1P
   HAND TOOL ASSEMBLY FOR MODU IV Handzange fur modu IV
logo
Alliance Semiconductor ...
ASM3P2183A ALSC-ASM3P2183A Datasheet
177Kb / 8P
   EMI Reduction IC
logo
Altera Corporation
EP4SE110 ALTERA-EP4SE110 Datasheet
407Kb / 40P
   Stratix IV Device
logo
National Semiconductor ...
DM74LS952 NSC-DM74LS952 Datasheet
149Kb / 8P
   Dual Rank 8-Bit TRI-STATE짰Shift Register
logo
Altera Corporation
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75DF27I7N ALTERA-EP4CGX75DF27I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE6E22C8N ALTERA-EP4CE6E22C8N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CE115F23I7N ALTERA-EP4CE115F23I7N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com