Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-D12V1W Datasheet(PDF) 8 Page - Rohm

Part # SML-D12V1W
Description  IV rank reduction products
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-D12V1W Datasheet(HTML) 8 Page - Rohm

Back Button SML-D12V1W Datasheet HTML 3Page - Rohm SML-D12V1W Datasheet HTML 4Page - Rohm SML-D12V1W Datasheet HTML 5Page - Rohm SML-D12V1W Datasheet HTML 6Page - Rohm SML-D12V1W Datasheet HTML 7Page - Rohm SML-D12V1W Datasheet HTML 8Page - Rohm SML-D12V1W Datasheet HTML 9Page - Rohm SML-D12V1W Datasheet HTML 10Page - Rohm SML-D12V1W Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
    
[Data Sheet]
Stress strength according to
he mounting position:
A>B>C>D
so please pay attention to the touch on product.
We recommend the soldering pattern that shows on the right.
It will be different according to mounting situation of circuit board,
therefore, please concern before designing.
※The product has adopted the electrode structure that it should solder
with back electrode of the product.
Thus, please be informed that the shape of electrode pin of
solder fillet formation is not guaranteed.
The through hole on electrode surface is for conduction of front
 and rear electrodes but not for formation of solder fillet.
4-2. Automatic Mounting
Vibration may result in low mounting rate since it will cause the static electricity of product and
adhere to top cover tape. We recommend to
・set magnet on parts feeder cassette of the mounter to control the product stabilization
・set ionizer to prevent electrostatic charge
4-3. Mounting Location
The stress like bending stress of circuit board dividing after mounting, may cause LED package crack
or damage of LED internal junction, therefore, please concern the mounting direction and position
to avoid bending or screwing with great stress of the circuit board.
expansion and moisture absorption at humidity will cause heat stress during soldering process and
finally has bad influence on the product’s reliability.
・The product is not guaranteed for flow soldering.
・Do not expose the product in the environment of high temperature (over 100℃) or rapid temperature
shift (within 3℃/sec. of temperature gradient) during the flow soldering of surrounding parts.
・Please set appropriate reflow temperature based on our product usage conditions and specification.
・The max for reflowing is 2 times, please finish the second reflow soldering and flow soldering
with other parts within the usage limitation after open the moistureproof package.
・Compare with N2 reflow, during air reflow, because of the heat and surrounding conditions,
it may cause the discoloration of the resin.
[SML-D12x1 series]
4.Mounting
4-1. Soldering
・No resin hardening agent such as filler is used in the sealing resin of the product. Therefore, resin
In case of carrying out flow soldering of surrounding parts without recommended conditions, please
contact us for inquiries.
4―4. Mechanical Stress after Mounting
The mechanical stress may damage the LED after Circuit Mounting,
4-5.Soldering Pattern for Recommendation
0.8mm
0.85mm
0.8mm
0.8mm
PCB Bonding Direction
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
8/9
2017.6 - Rev.004


Similar Part No. - SML-D12V1W

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-D12V8W ROHM-SML-D12V8W Datasheet
112Kb / 3P
   Standard Type
SML-D12V8W ROHM-SML-D12V8W Datasheet
1Mb / 4P
   Original device technology enables high brightness and high reliability
SML-D12V8W ROHM-SML-D12V8W Datasheet
1Mb / 4P
   SML-D1 Series EXCELED
SML-D12V8W ROHM-SML-D12V8W Datasheet
112Kb / 3P
   0603<1.6 0.8 t=0.55mm> Standard Type
SML-D12V8W ROHM-SML-D12V8W Datasheet
537Kb / 11P
   Original device technology enables high brightness
More results

Similar Description - SML-D12V1W

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-342MGT32 ROHM-SLR-342MGT32 Datasheet
878Kb / 4P
   Rank Reference of Brightness
logo
Sony Corporation
CX20099 SONY-CX20099 Datasheet
377Kb / 16P
   NOISE REDUCTION
logo
Tyco Electronics
C-169481-1 MACOM-C-169481-1 Datasheet
37Kb / 1P
   HAND TOOL ASSEMBLY FOR MODU IV Handzange fur modu IV
logo
Alliance Semiconductor ...
ASM3P2183A ALSC-ASM3P2183A Datasheet
177Kb / 8P
   EMI Reduction IC
logo
Altera Corporation
EP4SE110 ALTERA-EP4SE110 Datasheet
407Kb / 40P
   Stratix IV Device
logo
National Semiconductor ...
DM74LS952 NSC-DM74LS952 Datasheet
149Kb / 8P
   Dual Rank 8-Bit TRI-STATE짰Shift Register
logo
Altera Corporation
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75DF27I7N ALTERA-EP4CGX75DF27I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE6E22C8N ALTERA-EP4CE6E22C8N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CE115F23I7N ALTERA-EP4CE115F23I7N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com