Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-811WT Datasheet(PDF) 9 Page - Rohm

Part # SML-811WT
Description  Reverse-mount available type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-811WT Datasheet(HTML) 9 Page - Rohm

Back Button SML-811WT Datasheet HTML 3Page - Rohm SML-811WT Datasheet HTML 4Page - Rohm SML-811WT Datasheet HTML 5Page - Rohm SML-811WT Datasheet HTML 6Page - Rohm SML-811WT Datasheet HTML 7Page - Rohm SML-811WT Datasheet HTML 8Page - Rohm SML-811WT Datasheet HTML 9Page - Rohm SML-811WT Datasheet HTML 10Page - Rohm SML-811WT Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
    
[Data Sheet]
Ultrasonic Cleaning
15W/Below 1 liter (capacity of tank)
Drying
Under 100℃ within 3 minutes
furnaces vary by customer’s own conditions.
So thermal stress by soldering greatly influence its reliability.
Please keep following points for manual soldering.
ITEM
a) Heating method
b)
Handling after
soldering
Please handle after the part temp.
goes down to room temp.
[SML-811x(C) series]
4-6.Reflow Profile
For reflow profile, please refer to the conditions below:(※)
■Meaning of marks, Conditions
Mark
Meanings
Conditions
Tsmax
Peak temperature
260℃(Max)
tP
Time for peak temperature
Within 10sec.
Maximum of pre-heating temperature
180℃
Tsmin
Minimum of pre-heating temperature
140℃
ts
Time from Tsmin to Tsmax
Over 60sec.
TL
Reference temperature
230〜260℃
Temperature
Under 30℃ within 3 minutes
Heating on PCB pattern, not direct to the
LED. (Fig-1)
4-7.Attention Points in Soldering Operation
This product was developed as a surface mount LED especially suitable for reflow soldering.
So reflow soldering is recommended. In case of implementing manual soldering,
please take care of following points.
①SOLDER USED
Sn-Cu,Sn-Ag-Cu,Sn-Ag-Bi-Cu
②HAND SOLDERING CONDITION
Condition ) Temp. of iron top less than
400℃ within 3 sec.
4-8.Cleaning after Soldering
Please follow the conditions below if the cleaning is necessary after soldering.
Solvent
We recommend to use alcohols solvent such as, isopropyl alcohols
LED products do not contain reinforcement material such as a glass fillers.
RECOMMENDED CONDITION
ΔTR/Δt
Temperature rising rate
Under 3℃/sec.
ΔTD/Δt
Temperature decreasing rate
Over -3℃/sec.
※Above conditions are for reference. Therefore, evaluate by customer’s own circuit boards and
reflow furnaces before using, because stress from circuit boards and temperature variations of reflow
tL
Retention time for TL Within 40sec.
TP
Fig-1
SOLDERING IRON
SOLDERING LAND
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
9/9
2017.5 - Rev.005


Similar Part No. - SML-811WT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-811WT ROHM-SML-811WT Datasheet
319Kb / 3P
   Low Current Type (IF <=10mA) Back-fire chip LEDs
SML-811WT ROHM-SML-811WT Datasheet
2Mb / 4P
   Reverse-mount type
SML-811WT ROHM-SML-811WT Datasheet
993Kb / 13P
   SML-811x/812x/813x Series
2022.2 - Rev.015
SML-811WTA ROHM-SML-811WTA Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811WTA ROHM-SML-811WTA Datasheet
590Kb / 11P
   Reverse-mount available type
More results

Similar Description - SML-811WT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML812BCTT86 ROHM-SML812BCTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811WTT86 ROHM-SML-811WTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-812MTT86 ROHM-SML-812MTT86 Datasheet
1Mb / 12P
   Reverse-mount available type
SML-81 ROHM-SML-81 Datasheet
2Mb / 4P
   Reverse-mount type
logo
STANLEY ELECTRIC CO.,LT...
VCEW1154RDS-TR STANLEY-VCEW1154RDS-TR Datasheet
681Kb / 25P
   Reverse mount type
logo
Rohm
SML-810TBT86 ROHM-SML-810TBT86 Datasheet
1Mb / 4P
   Reverse-mount type phototransistors
SML-811UTT86 ROHM-SML-811UTT86 Datasheet
590Kb / 11P
   ?줣everse-mount available type
logo
STANLEY ELECTRIC CO.,LT...
PS1191RB STANLEY-PS1191RB Datasheet
183Kb / 10P
   Surface Mount Phototransistor/Reverse Mount Type
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
   Surface Mount IRED/Reverse Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com