Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-A12V8T Datasheet(PDF) 11 Page - Rohm

Part # SML-A12V8T
Description  Compact size side-view LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-A12V8T Datasheet(HTML) 11 Page - Rohm

Back Button SML-A12V8T Datasheet HTML 5Page - Rohm SML-A12V8T Datasheet HTML 6Page - Rohm SML-A12V8T Datasheet HTML 7Page - Rohm SML-A12V8T Datasheet HTML 8Page - Rohm SML-A12V8T Datasheet HTML 9Page - Rohm SML-A12V8T Datasheet HTML 10Page - Rohm SML-A12V8T Datasheet HTML 11Page - Rohm SML-A12V8T Datasheet HTML 12Page - Rohm SML-A12V8T Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
    
[Data Sheet]
Ultrasonic Cleaning
15W/Below 1 liter (capacity of tank)
Drying
Under 100℃ within 3 minutes
furnaces vary by customer’s own conditions.
So thermal stress by soldering greatly influence its reliability.
Please keep following points for manual soldering.
ITEM
a) Heating method
b)
Handling after
soldering
Please handle after the part temp.
goes down to room temp.
Solvent
We recommend to use alcohols solvent such as, isopropyl alcohols
Temperature
Under 30℃ within 3 minutes
Heating on PCB pattern, not direct to the
LED. (Fig-1)
Sn-Cu,Sn-Ag-Cu,Sn-Ag-Bi-Cu
②HAND SOLDERING CONDITION
tP
Time for peak temperature
Within 10sec.
ΔTR/Δt
Temperature rising rate
Under 3℃/sec.
ΔTD/Δt
Temperature decreasing rate
Over -3℃/sec.
TL
Reference temperature
230〜260℃
tL
Retention time for TL Within 40sec.
Condition ) Temp. of iron top less than
TP
Peak temperature
260℃(Max)
Tsmax
Maximum of pre-heating temperature
180℃
Tsmin
Minimum of pre-heating temperature
140℃
ts
Time from Tsmin to Tsmax
Over 60sec.
LED products do not contain reinforcement material such as a glass fillers.
RECOMMENDED CONDITION
400℃ within 3 sec.
4-8.Cleaning after Soldering
Please follow the conditions below if the cleaning is necessary after soldering.
※Above conditions are for reference. Therefore, evaluate by customer’s own circuit boards and
reflow furnaces before using, because stress from circuit boards and temperature variations of reflow
4-7.Attention Points in Soldering Operation
This product was developed as a surface mount LED especially suitable for reflow soldering.
So reflow soldering is recommended. In case of implementing manual soldering,
please take care of following points.
①SOLDER USED
[SML-A1x series]
4-6.Reflow Profile
For reflow profile, please refer to the conditions below:(※)
■Meaning of marks, Conditions
Mark
Meanings
Conditions
Fig-1
SOLDERING
LAND
SOLDERING IRON
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
11/11
2017.7 - Rev.007


Similar Part No. - SML-A12V8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-A12V8T ROHM-SML-A12V8T Datasheet
111Kb / 3P
   Side View Chip LEDs
SML-A12V8T ROHM-SML-A12V8T Datasheet
1Mb / 4P
   Side-view type
SML-A12V8T ROHM-SML-A12V8T Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12V8T ROHM-SML-A12V8T Datasheet
1Mb / 4P
   SML-A1 Series EXCELEDTM
SML-A12V8T ROHM-SML-A12V8T Datasheet
1Mb / 4P
   Compact size side-view LEDs
More results

Similar Description - SML-A12V8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-A12U8TT86 ROHM-SML-A12U8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12V8TT86 ROHM-SML-A12V8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12P8TT86 ROHM-SML-A12P8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SMLA12BC7TT86 ROHM-SMLA12BC7TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
logo
Everlight Electronics C...
EASV3006WA2 EVERLIGHT-EASV3006WA2 Datasheet
1Mb / 13P
   Side View LEDs
EAPL2812WA0 EVERLIGHT-EAPL2812WA0 Datasheet
985Kb / 15P
   Side View LEDs
EAPL3810A10 EVERLIGHT-EAPL3810A10 Datasheet
249Kb / 12P
   Side View LEDs
EAPL3810A12 EVERLIGHT-EAPL3810A12 Datasheet
253Kb / 12P
   Side View LEDs
EAPL3810A14 EVERLIGHT-EAPL3810A14 Datasheet
520Kb / 12P
   Side View LEDs
EAPL3810A4 EVERLIGHT-EAPL3810A4 Datasheet
616Kb / 13P
   Side View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com