Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1761 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1761
Description  Integrated Circuit Infrared Remote Control Preamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1761 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1761 Datasheet HTML 1Page - NTE Electronics NTE1761 Datasheet HTML 2Page - NTE Electronics NTE1761 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE1761 (Active High) & NTE1762 (Active Low)
Integrated Circuit
Infrared Remote Control Preamp
Features:
D High Frequency Amplifier with a Control Range of 66dB
D Synchronous Demodulator and Reference Amplifier
D AGC Detector
D Pulse Shaper
D Q–Factor Killing of the Input Selectivity, which is Controlled by the AGC Circuit
D Input Voltage Limiter
Absolute Maximum Ratings:
Supply Voltage (Pin8), VCC
13.2V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Current Pulse Shaper (Pin11), I11
10mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltages Between Pins (Note 1)
Pin2 and Pin15, V2–15
4.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pin4 and Pin13, V4–13
4.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pin5 and Pin6, V5–6
4.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pin7 and pin10, V7–10
4.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pin9 and Pin11, V9–11
4.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, TA
–25
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. All pins except Pin11 are short–circuit protected.
DC Electrical Characteristics: (TA = +25°C, VCC = V8 = 5V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply (Pin8)
Supply Voltage
VCC
4.65
5.0
5.35
V
Supoply Current
ICC = I8
1.2
2.1
3.0
mA
Controlled High Frequency Amplifier (Pin2 and Pin15)
Minimum Input Signal (Peak–to–Peak)
V2–15(P–P) f = 36kHz, Note 2
15
25
µV
f = 36kHz, Note 3
5
µV
AGC Control Ragne (Without Q–Killing)
60
66
dB
Input Signal for Correct Operation (Peak–to–Peak)
V2–15(P–P) Note 3
0.02
200
mV
Q–Killing Inactive (Peak–to–Peak)
V2–15(P–P) I3 = I14 < 0.5µA
140
µV
Q–Killing Active (Peak–to–Peak)
V2–15(P–P) I14 = I3 = Max
28
mV
Note 2. For NTE1761, voltage at Pin9 is HIGH (–I9 = 75µA).
For NTE1762, voltage at Pin9 is LOW (I9 = 75µA).
Note 3. For NTE1761, voltage at Pin9 remains LOW. For NTE1762, voltage at Pin9 remains HIGH.


Similar Part No. - NTE1761

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE176 NTE-NTE176 Datasheet
18Kb / 1P
   Germaniun PNP Transistor Audio Power Amplifier
NTE1764 NTE-NTE1764 Datasheet
20Kb / 2P
   Integrated Circuit Infrared Preamplifier
NTE1765 NTE-NTE1765 Datasheet
31Kb / 4P
   Integrated Circuit Dual Channel Current Mode Controller
NTE1766 NTE-NTE1766 Datasheet
22Kb / 2P
   Integrated Circuit Reversible Motor Driver
NTE1767 NTE-NTE1767 Datasheet
24Kb / 3P
   Integrated Circuit Vertical Deflection Output Circuit for Color TV
More results

Similar Description - NTE1761

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7013 NTE-NTE7013 Datasheet
22Kb / 2P
   Integrated Circuit Remote Control Preamp with Active ?쏬ow?
logo
Unisonic Technologies
UT8803 UTC-UT8803 Datasheet
209Kb / 6P
   PIR INFRARED REMOTE CONTROL CIRCUIT
logo
SHENZHEN FUMAN ELECTRON...
TC8889B FUMAN-TC8889B Datasheet
607Kb / 12P
   Infrared remote control transmitting circuit
logo
Unisonic Technologies
U8803 UTC-U8803 Datasheet
74Kb / 7P
   PIR INFRARED REMOTE CONTROL CIRCUIT
M3000 UTC-M3000 Datasheet
179Kb / 6P
   PIR INFRARED REMOTE CONTROL CIRCUIT
M3000 UTC-M3000_15 Datasheet
179Kb / 6P
   PIR INFRARED REMOTE CONTROL CIRCUIT
UT8803 UTC-UT8803_15 Datasheet
209Kb / 6P
   PIR INFRARED REMOTE CONTROL CIRCUIT
logo
NTE Electronics
NTE1757 NTE-NTE1757 Datasheet
35Kb / 3P
   Integrated Circuit Remote Control Receiver
NTE1300 NTE-NTE1300 Datasheet
21Kb / 2P
   Integrated Circuit TV Remote Control
NTE15004 NTE-NTE15004 Datasheet
21Kb / 2P
   Integrated Circuit Remote Control Preamplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com