Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTGL05AR181M7P52B0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PTGL05AR181M7P52B0
Description  PTGL Thermistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PTGL05AR181M7P52B0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PTGL05AR181M7P52B0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PTGL05AR181M7P52B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PTGL05AR181M7P52B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of PTGL05AR181M7P52B0 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en-us/products/productdetail?partno=PTGL05AR181M7P52B0
PTGL05AR181M7P52B0
Specifications
Max. Voltage
125V
Hold Current
30mA
Measure Condition of Hold Current
(at
+60
)
Hold Current (2)
38mA
Measure Condition of Hold Current (2) (at
+25
)
Trip Current
64mA
Measure Condition of Trip Current
(at
+25
)
Trip Current(2)
75mA
Measure Condition of Trip Current(2)
(at -
10
)
Max. Current
0.3A
Resistance
(25
)
180Ω
Resistance Value Tolerance (at
25
)
±20%
Power Consumption(typ)
0.7W
Operating Temperature Range
-
10
to
60
D: Outer Dimension
6mm
Thickness
5mm
F: Lead Space
5mm
d: Lead Diameter
0.6mm
Shape
Lead
Mass
0.3g
2 of 3
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2017/09/29


Similar Part No. - PTGL05AR181M7P52B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTGL05AR181M7P52B0 MURATA-PTGL05AR181M7P52B0 Datasheet
1Mb / 103P
   PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
logo
Murata Manufacturing Co...
PTGL05AR181M7P52B0 MURATA1-PTGL05AR181M7P52B0 Datasheet
410Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PTGL05AR181M7P52B0 MURATA1-PTGL05AR181M7P52B0 Datasheet
448Kb / 3P
   PTC Thermistors
02/05/2024
PTGL05AR181M7P52B0 MURATA1-PTGL05AR181M7P52B0_V01 Datasheet
410Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PTGL05AR181M7P52B0 MURATA1-PTGL05AR181M7P52B0_V02 Datasheet
448Kb / 3P
   PTC Thermistors
02/05/2024
More results

Similar Description - PTGL05AR181M7P52B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTGL04AS220K4B51A0 MURATA-PTGL04AS220K4B51A0 Datasheet
247Kb / 3P
   PTGL Thermistors
PTGL04AS220K4B51B0 MURATA-PTGL04AS220K4B51B0 Datasheet
247Kb / 3P
   PTGL Thermistors
PTGL04AS560K6B51A0 MURATA-PTGL04AS560K6B51A0 Datasheet
246Kb / 3P
   PTGL Thermistors
PTGL05AS270K6B51A0 MURATA-PTGL05AS270K6B51A0 Datasheet
246Kb / 3P
   PTGL Thermistors
PTGL05AR550H4P51B0 MURATA-PTGL05AR550H4P51B0 Datasheet
239Kb / 3P
   PTGL Thermistors
PTGL07AR250H4B51A0 MURATA-PTGL07AR250H4B51A0 Datasheet
241Kb / 3P
   PTGL Thermistors
PTGL07BB220N0B52A0 MURATA-PTGL07BB220N0B52A0 Datasheet
247Kb / 3P
   PTGL Thermistors
PTGL09AR9R4H4B51A0 MURATA-PTGL09AR9R4H4B51A0 Datasheet
240Kb / 3P
   PTGL Thermistors
PTGL10BB120N0P52A0 MURATA-PTGL10BB120N0P52A0 Datasheet
255Kb / 3P
   PTGL Thermistors
PTGL14AR3R3M3B71B0 MURATA-PTGL14AR3R3M3B71B0 Datasheet
243Kb / 3P
   PTGL Thermistors
PTGL05AR1R0M1B51B0 MURATA-PTGL05AR1R0M1B51B0 Datasheet
247Kb / 3P
   PTGL Thermistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com