Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVX74 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74LVX74
Description  Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX74 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LVX74 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX74 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX74 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX74 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX74 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX74 Datasheet HTML 6Page - Fairchild Semiconductor 74LVX74 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 5: Parameter guaranteed by design. tOSLH
|tPLHm–tPLHn|, tOSLH
|tPHLm–tPHLn|
Capacitance
Note 6: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
CL (pF)
(V)
Min
TypMax
MinMax
tPLH
Propagation Delay
2.7
7.3
15
1.0
18.5
ns
15
tPHL
CPn to Qn or Qn
9.8
18.5
1.0
22
50
3.3
r 0.3
5.7
9.7
1.0
11.5
15
8.2
13.2
1.0
15
50
tPLH
Propagation Delay
2.7
8.4
15.6
1.0
18.5
ns
15
tPHL
CDn to SDn to Qn or Qn
10.9
19.1
1.0
22
50
3.3
r 0.3
6.6
10.1
1.0
12
15
9.1
13.6
1.0
15.5
50
tW
CPn or CDn or SDn
2.7
8.5
10
ns
Pulse Width
3.3
r 0.3
6
7
tS
Setup Time
2.7
8.0
9.5
ns
Dn to CPn
3.3
r 0.3
5.5
6.5
tH
Hold Time
2.7
0.5
0.5
ns
Dn to CPn
3.3
r 0.3
0.5
0.5
tREC
Recovery Time
2.7
6.5
7.5
ns
CPn or SDn to CPn
3.3
r 0.3
5.0
5.0
fMAX
Maximum Clock Frequency
2.7
55
135
50
MHz
15
45
60
40
50
3.3
r 0.3
95
145
80
15
60
85
50
50
tOSLH
Output to Output Skew
2.7
1.5
1.5
ns
50
tOSHL
(Note 5)
3.3
1.5
1.5
Symbol
Parameter
TA 25qCTA 40qC to 85qC
Units
Min
Typ
Max
Min
Max
CIN
Input Capacitance
4
10
10
pF
CPD
Power Dissipation
25
pF
Capacitance (Note 6)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn