Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP1117S18 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STP1117S18
Description  1.0A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STP1117S18 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STP1117S18 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STP1117S18 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STP1117S18 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STP1117S18 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH STP1117S18 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH STP1117S18 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Elektronische Bauelemente
STP1117Sxx Series
1.0A Low Dropout Positive
Adjustable or Fixed-Mode Regulator
27-Jun-2017 Rev. B
Page 1 of 6
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ADJ (Gnd)
[[
[ [
Vout
Vin
xx:Vout
A: ADJ
25: 2.5V
12: 1.2V
33: 3.3V
18: 1.8V
The last letter(s) of Part No.
denote the Output Voltage
RoHS Compliant Product
A suffix of “-C” specifies halogen free
DESCRIPTION
The STP1117Sxx series of positive adjustable and
fixed regulators are designed to provide 1A with high
efficiency. All internal circuitry is designed to operate
down to 1.4V input to output differential.
On-chip trimming adjusts the reference voltage to
1%. Current limit the typical value of 1.5A allows to
minimizing the stress on both the regulator and the
power source circuitry under overload conditions.
FEATURES
Adjustable or Fixed Output 1.2V,1.8V,2.5V,3.3V
Output Current of 1A
Low Dropout, 1.2 V typ. at 1A Output Current
0.04% Line Regulation
0.2 % Load Regulation
100% Thermal Limit Burn-In
Fast Transient Response
APPLICATIONS
High Efficiency Linear Regulators
Post Regulators for Switching Supplies
Adjustable Power Supply
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-223
3K
13 inch
TYPICAL APPLICATION CIRCUIT
Part Number
Marking
STP1117SA
1117SA
STP1117S12
1117S12
STP1117S18
1117S18
STP1117S25
1117S25
STP1117S33
1117S33
SOT-223
Top View
1
2
3
4
A
M
B
D
L
K
F
G
H
J
E
C
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.90
6.70
G
-
0.18
B
6.70
7.30
H
2.00 REF.
C
3.30
3.80
J
0.20
0.40
D
1.40
1.90
K
1.10 REF.
E
4.45
4.75
L
2.30 REF.
F
0.60
0.85
M
2.80
3.20


Similar Part No. - STP1117S18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP110N10F7 STMICROELECTRONICS-STP110N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 5.1 m廓 typ., 110 A, STripFET??VII DeepGATE?? Power MOSFETs in TO-220FP and TO-220 packages
July 2013 Rev 2
logo
Inchange Semiconductor ...
STP110N10F7 ISC-STP110N10F7 Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
STP110N10F7 DOINGTER-STP110N10F7 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
logo
STMicroelectronics
STP110N55F6 STMICROELECTRONICS-STP110N55F6 Datasheet
409Kb / 11P
   N-channel 55 V, 4.3 m, 110 A TO-220 STripFET VI DeepGATE Power MOSFET
STP110N7F6 STMICROELECTRONICS-STP110N7F6 Datasheet
650Kb / 13P
   N-channel 68 V, 0.0055 Ω typ., 110 A, STripFET™ F6 Power MOSFET in a TO-220 package
October 2016
More results

Similar Description - STP1117S18

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SJA1117B SECOS-SJA1117B Datasheet
220Kb / 3P
   1.0A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1116 ANACHIP-AP1116 Datasheet
140Kb / 5P
   0.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GL1116 ETL-GL1116 Datasheet
251Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1085 ETL-GU1085 Datasheet
260Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com