Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE176 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE176
Description  Germaniun PNP Transistor Audio Power Amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE176 Datasheet(HTML) 1 Page - NTE Electronics

  NTE176 Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NTE176
Germaniun PNP Transistor
Audio Power Amplifier
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Collector–Base Voltage, VCBO
20V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
10V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Collector Current, IC
2A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissapation (TC = +25°C), PC
6W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+85
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector Cutoff Current
ICEO
VCE = 10V, IB = 0
0.9
10
mA
ICBO
VCB = 20V, IE = 0
25
500
µA
Emitter Cutoff Current
IEBO
VEB = 6V, IC = 0
10
500
µA
DC Current Gain
hFE
VCB = 0, IE = 2A
40
75
Transition Frequency
fT
VCB = 2V, IE = 100mA
0.3
1.2
MHz
Base–Emitter Voltage
VBE
VCB = 0, IE = 2A
0.5
V
Collector–Emitter saturation Voltage
VCE(sat) IC = 2A, IB = 200mA
0.25
V
.260
(6.6)
Max
.500
(12.7)
Min
.370 (9.39) Dia Max
.355 (9.03) Dia Max
45
°
.031 (.793)
Emitter
Base
Collector/Case
.018 (0.45)


Similar Part No. - NTE176

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1761 NTE-NTE1761 Datasheet
26Kb / 3P
   Integrated Circuit Infrared Remote Control Preamp
NTE1762 NTE-NTE1762 Datasheet
26Kb / 3P
   Integrated Circuit Infrared Remote Control Preamp
NTE1764 NTE-NTE1764 Datasheet
20Kb / 2P
   Integrated Circuit Infrared Preamplifier
NTE1765 NTE-NTE1765 Datasheet
31Kb / 4P
   Integrated Circuit Dual Channel Current Mode Controller
NTE1766 NTE-NTE1766 Datasheet
22Kb / 2P
   Integrated Circuit Reversible Motor Driver
More results

Similar Description - NTE176

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE158 NTE-NTE158 Datasheet
19Kb / 2P
   Germanium PNP Transistor Audio Power Amplifier
logo
AUK corp
2SA1981S AUK-2SA1981S Datasheet
83Kb / 3P
   PNP Silicon Transistor (Audio power amplifier application)
2SA1981 AUK-2SA1981 Datasheet
85Kb / 3P
   PNP Silicon Transistor (Audio power amplifier application)
logo
NTE Electronics
NTE104 NTE-NTE104 Datasheet
20Kb / 2P
   Germanium PNP Transistor Audio Frequency Power Amplifier
NTE121 NTE-NTE121 Datasheet
20Kb / 2P
   Germanium PNP Transistor Audio Frequency Power Amplifier
logo
AUK corp
2SA1981SF AUK-2SA1981SF Datasheet
82Kb / 3P
   PNP Silicon Transistor (Audio power amplifier application)
logo
Samsung semiconductor
KSA916 SAMSUNG-KSA916 Datasheet
77Kb / 2P
   PNP (AUDIO POWER AMPLIFIER)
MJE170 SAMSUNG-MJE170 Datasheet
135Kb / 4P
   PNP (LOW POWER AUDIO AMPLIFIER)
KSB811 SAMSUNG-KSB811 Datasheet
71Kb / 2P
   PNP (AUDIO FREQUENCY POWER AMPLIFIER)
KSA1142 SAMSUNG-KSA1142 Datasheet
211Kb / 6P
   PNP (AUDIO FREQUENCY POWER AMPLIFIER)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com