Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-TW14 Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-TW14
Description  IC-PMX Companion Chip
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-TW14 Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-TW14 Datasheet HTML 1Page - IC-Haus GmbH IC-TW14 Datasheet HTML 2Page - IC-Haus GmbH IC-TW14 Datasheet HTML 3Page - IC-Haus GmbH IC-TW14 Datasheet HTML 4Page - IC-Haus GmbH IC-TW14 Datasheet HTML 5Page - IC-Haus GmbH IC-TW14 Datasheet HTML 6Page - IC-Haus GmbH IC-TW14 Datasheet HTML 7Page - IC-Haus GmbH IC-TW14 Datasheet HTML 8Page - IC-Haus GmbH IC-TW14 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
iC-TW14
iC-PMX Companion Chip
Rev A1, Page 5/33
PIN FUNCTIONS
No. Name
I/O
Function
Description
1
MDI
Digital Output
SSI Multi-turn Data output
Connect to multiturn data input (MDI) pin of singleturn sensor and
pull-up resistor to VDD.
2
MCL
Digital Input
SSI Multi-turn Clock
Connect to multiturn clock (MCL) pin of singleturn sensor and pull-up
resistor to VDD.
3
VDD
Supply
Power Input
5V power input.
4
GND
Supply common
Power Supply and Signal
Common
5
MRDY
Digital Output
SSI Multi-turn Data Ready
Connect to multiturn data ready (MRDY) pin of singleturn sensor and
pull-down resistor to GND.
6
NPRE
Digital Input, ac-
tive low
Preset Multi-turn Position
Presets internal multiturn position to zero. Can be connected to a
push-button switch and pull-up resistor for easy calibration. Must be
pulled up to VDD if not used.
7
NCS
Digital Output,
active low
SPI Chip Select
Connect to iC-PMX NCS (pin 26) and pull-up resistor to VDD.
8
MISO
Digital Input
SPI Master Data Input
Connect to iC-PMX MISO (pin 29) and pull-down resistor to GND.
9
SH
Digital Output
Switch Hall Sensor
Connect to iC-PMX SH (pin 25) and pull-down resistor to GND.
10 VWP
Analog Input
Scaled Wiegand Pulse
Voltage
Connect to iC-PMX VWC via a resistive voltage divider to allow mea-
suring Wiegand pulse voltage without overloading the iC-TW14 ADC.
Connect to GND if Wiegand pulse voltage measurement diagnostic is
not required.
11
HOP
Analog Input
Hall Output Positive
Connect to iC-PMX HOP (pin 23). Connect to GND if iC-PMX single-
turn sensors are not used.
12 HON
Analog Input
Hall Output Negative
Connect to iC-PMX HON (pin 24). Connect to GND if iC-PMX single-
turn sensors are not used.
13 MOSI
Digital Output
SPI Master Data Output
Connect to iC-PMX MOSI (pin 28).
14 SCK
Digital Output
SPI Data Clock
Connect to iC-PMX SCK (pin 27).
15 TX
Digital Output
UART Serial Output
Serial output for communication with PC for setup and diagnostics.
16 RX
Digital Input
UART Serial Input
Serial input for communication with PC for setup and diagnostics.
17 P17
Reserved
Connect to GND via pull-down resistor.
18 P18
Reserved
Connect to GND via pull-down resistor.
19 P19
Reserved
Connect to GND via pull-down resistor.
20 P20
Reserved
Connect to GND via pull-down resistor.
21 RDY
Digital Input
iC-PMX Ready
Connect to iC-PMX RDY (pin 30) and pull-down resistor to GND.
22 P22
Reserved
Connect to GND via pull-down resistor.
23 NRES
Digital Input,
active low
Reset Input
Must be connected to VDD through a pull-up resistor.
24 P24
Reserved
Connect to GND via pull-down resistor.


Similar Part No. - IC-TW14

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-TW11 ICHAUS-IC-TW11 Datasheet
786Kb / 25P
   10-BIT ULTRA LOW POWER MAGNETIC ABSOLUTE ROTARY ENCODER
More results

Similar Description - IC-TW14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX8510 PHILIPS-PNX8510 Datasheet
2Mb / 92P
   Analog companion chip
Rev. 04??2 January 2004
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_15 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip
logo
Microchip Technology
RE46C800 MICROCHIP-RE46C800 Datasheet
562Kb / 24P
   Carbon Monoxide Detector Companion IC
11/29/12 2013
logo
List of Unclassifed Man...
CY100 ETC-CY100 Datasheet
330Kb / 4P
   Companion IC with 5 V ADC
logo
EPCOS
S1D13A05B00B200 EPCOS-S1D13A05B00B200 Datasheet
1Mb / 184P
   LCD/USB Companion Chip
logo
NEC
UPD31172 NEC-UPD31172 Datasheet
278Kb / 9P
   VRC4172TM COMPANION CHIP FOR VR4121TM
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
   Time-of-Flight Companion Chip
logo
List of Unclassifed Man...
ES3207 ETC-ES3207 Datasheet
72Kb / 4P
   Video CD/DVD Companion Chip
logo
Epson Company
S1D13A04 EPSON-S1D13A04 Datasheet
152Kb / 3P
   S1D13A04 LCD/USB Companion Chip
logo
List of Unclassifed Man...
ES3883 ETC-ES3883 Datasheet
38Kb / 4P
   Video CD Companion Chip Product Brief
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com