Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-PV Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-PV
Description  BATTERY-BUFFERED HALL MULTITURN ENCODER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PV Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-PV Datasheet HTML 7Page - IC-Haus GmbH IC-PV Datasheet HTML 8Page - IC-Haus GmbH IC-PV Datasheet HTML 9Page - IC-Haus GmbH IC-PV Datasheet HTML 10Page - IC-Haus GmbH IC-PV Datasheet HTML 11Page - IC-Haus GmbH IC-PV Datasheet HTML 12Page - IC-Haus GmbH IC-PV Datasheet HTML 13Page - IC-Haus GmbH IC-PV Datasheet HTML 14Page - IC-Haus GmbH IC-PV Datasheet HTML 15Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
iC-PV
BATTERY-BUFFERED HALL MULTITURN ENCODER
Rev E2, Page 11/28
SENSOR PRINCIPLE
Figure 3: Sensor principle
In conjunction with a rotating permanent magnet, the
iC-PV can be used to create a complete (multiturn) en-
coder system. A diametrically magnetized, cylindrical
permanent magnet made of neodymium iron boron (Nd-
FeB) or samarium cobalt (SmCo) generates optimum
sensor signals. The diameter of the magnet should be
between 2 to 8 mm.
The iC-PV has four Hall sensors adapted for angle
determination and to convert the magnetic field into
a measurable Hall voltage. Only the z-component of
the magnetic field is evaluated, whereby the field lines
pass through two opposing Hall sensors in the opposite
direction. Figure 3 shows an example of field vectors.
The arrangement of the Hall sensors is selected so
that the mounting of the magnets relative to iC-PV is
extremely tolerant. Two Hall sensors combined provide
a differential Hall signal. When the magnet is rotated
around the longitudinal axis, sine and cosine output
voltages are produced, which can be used to determine
the current angle.
In combination with a digital counter, this angle infor-
mation is used to determine the absolute (multiturn)
position, i.e., the iC-PV counts the revolutions of the
permanent magnet.
POSITION OF THE HALL SENSORS
The Hall sensors are placed in the center of the QFN16
package at 90 ° to one another and arranged in a circle
with a diameter of 1.75 mm as shown in Figure 4.
In order to calculate the angle position of a diametrically
polarized magnet placed above the device, a difference
in signal is formed between opposite pairs of Hall sen-
sors, resulting in the sine being VSIN = VPSIN - VNSIN
and the cosine VCOS = VPCOS - VNCOS. The zero angle
position of the magnet is marked by the resulting cosine
voltage value being at a maximum and the sine voltage
value at zero.
In this case, the south pole of the magnet is exactly
above the PCOS sensor and the north pole is above
sensor NCOS, as shown in Figure 5. Sensors PSIN
and NSIN are placed along the pole boundary so that
neither generate a Hall signal.
When the magnet is rotated counterclockwise, the poles
also cover the PSIN and NSIN sensors, resulting in the
sine and cosine signals shown in Figure 6.
NSIN
NCOS
PSIN
PCOS
Pin 1 Mark
top view
Figure 4: Position of the Hall sensors


Similar Part No. - IC-PV

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PVL ICHAUS-IC-PVL Datasheet
1Mb / 33P
   LINEAR/OFF-AXIS BATTERY-BUFFERED HALL MULTITURN ENCODER
More results

Similar Description - IC-PV

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PVL ICHAUS-IC-PVL Datasheet
1Mb / 33P
   LINEAR/OFF-AXIS BATTERY-BUFFERED HALL MULTITURN ENCODER
logo
Pepperl+Fuchs Inc.
PVM58X PF-PVM58X Datasheet
489Kb / 5P
   Multiturn absolute encoder
CVM58 PF-CVM58 Datasheet
403Kb / 5P
   Multiturn absolute encoder
FVM58 PF-FVM58 Datasheet
314Kb / 6P
   Multiturn absolute encoder
EVM58-IZ PF-EVM58-IZ Datasheet
412Kb / 5P
   Multiturn absolute encoder
AVM58-K PF-AVM58-K Datasheet
413Kb / 8P
   Multiturn absolute encoder
ESM58-TZ PF-ESM58-TZ Datasheet
290Kb / 4P
   Multiturn absolute encoder
EVM58-PZ PF-EVM58-PZ Datasheet
395Kb / 5P
   Multiturn absolute encoder
FSM58 PF-FSM58 Datasheet
277Kb / 5P
   Multiturn absolute encoder
ASM58-H PF-ASM58-H Datasheet
374Kb / 7P
   Multiturn absolute encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com